Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB5R1DWE4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TB5R1DWE4
Description  QUAD DIFFERENTIAL PECL RECEIVERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TB5R1DWE4 Datasheet(HTML) 5 Page - Texas Instruments

  TB5R1DWE4 Datasheet HTML 1Page - Texas Instruments TB5R1DWE4 Datasheet HTML 2Page - Texas Instruments TB5R1DWE4 Datasheet HTML 3Page - Texas Instruments TB5R1DWE4 Datasheet HTML 4Page - Texas Instruments TB5R1DWE4 Datasheet HTML 5Page - Texas Instruments TB5R1DWE4 Datasheet HTML 6Page - Texas Instruments TB5R1DWE4 Datasheet HTML 7Page - Texas Instruments TB5R1DWE4 Datasheet HTML 8Page - Texas Instruments TB5R1DWE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
www.ti.com
OUTPUT
3.7 V
2.7 V
3.2 V
VOH
V OL
1.5 V
tTHL
tPHL
tPLH
tTLH
20%
80%
20%
80%
INPUT
INPUT
OUTPUT
2.4 V
0.4 V
1.5 V
t
PHZ
tPZH
tPLZ
tPZL
0.2 V
0.2 V
0.2 V
0.2 V
0.4 V
2.4 V
1.5 V
E1(A)
E1(B)
VOH
VOL
TO OUTPUT
OF DEVICE
UNDER TEST
5 V
5 k
DIODES TYPE
458E, 1N4148,
OR EQUIVALENT
2 k
CL
C
L includes test-fixture and probe capacitance.
TB5R1, TB5R2
SLLS588C – NOVEMBER 2003 – REVISED JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
vs
Load Capacitance at 25C
Figure 2. Receiver Propagation Delay Times
A.
E2 = 1 while E1 changes states.
B.
E1 = 0 while E2 changes states.
Figure 3. Receiver Enable and Disable Timing
Parametric values specified under the Electrical Characteristics and Timing Characteristics sections for the data
transmission driver devices are measured with the following output load circuits.
Figure 4. Receiver Propagation Delay Time and Enable Time (tPZH, tPZL) Test Circuit
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TB5R1 TB5R2


Similar Part No. - TB5R1DWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5R1DWE4 TI-TB5R1DWE4 Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
More results

Similar Description - TB5R1DWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB3R1 TI-TB3R1 Datasheet
267Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R2DR TI-TB3R2DR Datasheet
767Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R3 TI-TB5R3 Datasheet
627Kb / 15P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB3R1 TI1-TB3R1_17 Datasheet
789Kb / 13P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1DWR TI-TB5R1DWR Datasheet
894Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI-TB5R1 Datasheet
327Kb / 11P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
TB5R1 TI1-TB5R1_17 Datasheet
909Kb / 16P
[Old version datasheet]   QUAD DIFFERENTIAL PECL RECEIVERS
logo
Maxim Integrated Produc...
MAX9401 MAXIM-MAX9401 Datasheet
351Kb / 13P
   Quad ECL/PECL Differential Buffers/Receivers
Rev 0; 10/01
logo
National Semiconductor ...
DS96F173M NSC-DS96F173M Datasheet
236Kb / 10P
   Quad Differential Receivers
DS96F173C NSC-DS96F173C Datasheet
238Kb / 10P
   Quad Differential Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com