Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3215IGV-25-T1 Datasheet(PDF) 10 Page - Advanced Analogic Technologies

Part # AAT3215IGV-25-T1
Description  150mA CMOS High Performance LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3215IGV-25-T1 Datasheet(HTML) 10 Page - Advanced Analogic Technologies

Back Button AAT3215IGV-25-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3215IGV-25-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3215IGV-25-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3215IGV-25-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3215IGV-25-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3215IGV-25-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3215IGV-25-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3215IGV-25-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3215IGV-25-T1 Datasheet HTML 14Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Applications Information
In applications where there is a possibility of VOUT
exceeding VIN for brief amounts of time during nor-
mal operation, the use of a larger value CIN capaci-
tor is highly recommended. A larger value of CIN
with respect to COUT will effect a slower CIN decay
rate during shutdown, thus preventing VOUT from
exceeding VIN. In applications where there is a
greater danger of VOUT exceeding VIN for extended
periods of time, it is recommended to place a schot-
tky diode across VIN to VOUT (connecting the cath-
ode to VIN and anode to VOUT). The Schottky diode
forward voltage should be less than 0.45 volts.
Thermal Considerations and High
Output Current Applications
The AAT3215 is designed to deliver a continuous
output load current of 150mA under normal operat-
ing conditions.
The limiting characteristic for the maximum output
load current safe operating area is essentially
package power dissipation and the internal preset
thermal limit of the device. In order to obtain high
operating currents, careful device layout and circuit
operating conditions need to be taken into account.
The following discussions will assume the LDO reg-
ulator is mounted on a printed circuit board utilizing
the minimum recommended footprint as stated in
the layout considerations section of the document.
At any given ambient temperature (TA) the maxi-
mum package power dissipation can be deter-
mined by the following equation:
PD(MAX) = [TJ(MAX) - TA] / Θ JA
Constants for the AAT3215 are TJ(MAX), the maxi-
mum junction temperature for the device which is
125°C and
Θ
JA
= 190°C/W, the package thermal
resistance. Typically, maximum conditions are cal-
culated at the maximum operating temperature
where TA = 85°C, under normal ambient conditions
TA = 25°C. Given TA = 85°, the maximum package
power dissipation is 211mW. At TA = 25°C°, the
maximum package power dissipation is 526mW.
The maximum continuous output current for the
AAT3215 is a function of the package power dissi-
pation and the input to output voltage drop across
the LDO regulator. Refer to the following simple
equation:
IOUT(MAX) < PD(MAX) / (VIN - VOUT)
For example, if VIN = 5V, VOUT = 3V and TA = 25°,
IOUT(MAX) < 264mA. If the output load current were to
exceed 264mA or if the ambient temperature were to
increase, the internal die temperature will increase.
If the condition remained constant, the LDO regula-
tor thermal protection circuit will activate.
To figure what the maximum input voltage would be
for a given load current refer to the following equa-
tion. This calculation accounts for the total power
dissipation of the LDO Regulator, including that
caused by ground current.
PD(MAX) = (VIN - VOUT)IOUT + (VIN x IGND)
This formula can be solved for VIN to determine the
maximum input voltage.
VIN(MAX) = (PD(MAX) + (VOUT x IOUT)) / (IOUT + IGND)
The following is an example for an AAT3215 set for
a 2.5 volt output:
From the discussion above, PD(MAX) was deter-
mined to equal 526mW at TA = 25°C.
VOUT = 2.5 volts
IOUT = 150mA
IGND = 150µA
VIN(MAX)=(526mW+(2.5Vx150mA))/(150mA +150µA)
VIN(MAX) = 6.00V
Thus, the AAT3215 can sustain a constant 2.5V
output at a 150mA load current as long as VIN is ≤
6.00V at an ambient temperature of 25°C. 6.0V is
the absolute maximum voltage where an AAT3215
would never be operated, thus at 25°C, the device
would not have any thermal concerns or opera-
tional VIN(MAX) limits.
This situation can be different at 85°C. The follow-
ing is an example for an AAT3215 set for a 2.5 volt
output at 85°C:
From the discussion above, PD(MAX) was deter-
mined to equal 211mW at TA = 85°C.
AAT3215
150mA CMOS High Performance LDO
10
3215.2002.03.0.91


Similar Part No. - AAT3215IGV-25-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3215IGV-2.5-T1 AAT-AAT3215IGV-2.5-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215IGV-2.5-T1 ANALOGICTECH-AAT3215IGV-2.5-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215IGV-2.6-T1 AAT-AAT3215IGV-2.6-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215IGV-2.6-T1 ANALOGICTECH-AAT3215IGV-2.6-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215IGV-2.7-T1 AAT-AAT3215IGV-2.7-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
More results

Similar Description - AAT3215IGV-25-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com