Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7023-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7023-RC
Description  Dual-Line Toroid Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7023-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7023-RC Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tel. (877) 426-8767 • Fax (951) 781-5006
www.bourns.com
23.13
Special Features
• Dual winding
• Low radiation
• High current capacity
• High inductance
• Dielectric strength 1000 Vrms
• Mounted on UL 94V-0 rated header
(optional)
• Fixed pins for easy PCB insertion
• Operating temperature -55 to +105 °C
Dual-Line Toroid Inductors
7000 Series
Part
Number
L (µH)
±15 %
@ 1 KHz
Idc
(A)
L (µH)
±15 %
@ I rated
DCR
Max.
Dim.
A
Max.
Dim.
B
Max.
Dim.
C
±0.015
Dim.
D
±0.015
Dim.
E
Max.
7001-RC
2.5
11.0
1.25
0.004
0.875
0.425
0.600
0.250
1.00
7002-RC
6.0
5.50
3.0
0.007
0.875
0.425
0.600
0.250
1.00
7003-RC
31.25
2.75
17.5
0.060
0.875
0.425
0.600
0.250
1.00
7004-RC
68.75
2.00
37.5
0.120
0.875
0.425
0.600
0.250
1.00
7005-RC
112.5
1.50
62.5
0.245
0.875
0.425
0.600
0.250
1.00
7006-RC
6.25
9.00
3.75
0.006
1.125
0.600
0.800
0.400
1.25
7007-RC
18.75
5.00
10
0.020
1.125
0.600
0.800
0.400
1.25
7008-RC
100
2.25
56.25
0.165
1.125
0.600
0.800
0.400
1.25
7009-RC
200
1.75
118.75
0.320
1.125
0.600
0.800
0.400
1.25
7010-RC
250
1.50
143.75
0.470
1.125
0.600
0.800
0.400
1.25
7011-RC
12.5
9.50
6.25
0.006
1.25
0.800
0.900
0.600
1.375
7012-RC
37.5
4.75
21.25
0.023
1.25
0.800
0.900
0.600
1.375
7013-RC
175
2.25
100
0.210
1.25
0.800
0.900
0.600
1.375
7014-RC
312.5
1.75
187.5
0.430
1.25
0.800
0.900
0.600
1.375
7015-RC
400
1.50
237.5
0.640
1.25
0.800
0.900
0.600
1.375
7016-RC
31.25
7.75
16.25
0.016
1.812
0.900
1.20
0.700
1.95
7017-RC
125
4.00
68.75
0.075
1.812
0.900
1.20
0.700
1.95
7018-RC
275
2.50
162.5
0.165
1.812
0.900
1.20
0.700
1.95
7019-RC
562.5
1.75
281.25
0.460
1.812
0.900
1.20
0.700
1.95
7020-RC
1125
1.25
562.5
1.320
1.812
0.900
1.20
0.700
1.95
7021-RC
62.5
8.00
31.75
0.021
2.125
1.10
1.50
0.900
2.25
7022-RC
225
3.75
125
0.088
2.125
1.10
1.50
0.900
2.25
7023-RC
450
2.50
250
0.240
2.125
1.10
1.50
0.900
2.25
7024-RC
1000
1.75
525
0.580
2.125
1.10
1.50
0.900
2.25
7025-RC
2000
1.00
1125
1.670
2.125
1.10
1.50
0.900
2.25
† RoHS Directive 2002/95/EC Jan 27, 2003
including Annex.
“-RC” suffix indicates RoHS compliance.
REV. 02/11
2
1
3
4
7001-7005
7006-7025
2
1
3
4
2
1
3
4
2
1
3
4
B
A
0.032 Min.
E
0.09
0.15
D
C
0.040 ± 0.005
B
A
0.032 Min.
E
0.050 ± 0.006
C
0.20
D
Dimensions: Inches
How to Order
7001 - ___ RC
Model
Configuration
Blank = With mounting header
1 = Without mounting header
(with vertical coil, 2-inch self-lead
length, non-tinned)
RoHS Compliant


Similar Part No. - 7023-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7023-D-I-1000 ETC2-7023-D-I-1000 Datasheet
313Kb / 8P
   Wide Range LED Power Module
More results

Similar Description - 7023-RC

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
TC0805D-5R0M PRODUCTWELL-TC0805D-5R0M Datasheet
129Kb / 4P
   TOROID INDUCTORS
logo
Eaton All Rights Reserv...
LCPI EATON-LCPI Datasheet
423Kb / 6P
   Toroid power inductors
logo
List of Unclassifed Man...
2218 ETC1-2218 Datasheet
32Kb / 1P
   high Current Toroid Inductors
logo
Bourns Electronic Solut...
5722 BOURNS-5722 Datasheet
474Kb / 1P
   High Current Toroid Inductors
2221-H BOURNS-2221-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2222-H BOURNS-2222-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2322-H BOURNS-2322-H Datasheet
112Kb / 1P
   High Current Toroid Inductors
2111-H BOURNS-2111-H Datasheet
111Kb / 1P
   High Current Toroid Inductors
2122-H BOURNS-2122-H Datasheet
117Kb / 1P
   High Current Toroid Inductors
2318-H-RC BOURNS-2318-H-RC Datasheet
112Kb / 1P
   High Current Toroid Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com