Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5921DAPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5921DAPR
Description  LED DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5921DAPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC5921DAPR Datasheet HTML 4Page - Texas Instruments TLC5921DAPR Datasheet HTML 5Page - Texas Instruments TLC5921DAPR Datasheet HTML 6Page - Texas Instruments TLC5921DAPR Datasheet HTML 7Page - Texas Instruments TLC5921DAPR Datasheet HTML 8Page - Texas Instruments TLC5921DAPR Datasheet HTML 9Page - Texas Instruments TLC5921DAPR Datasheet HTML 10Page - Texas Instruments TLC5921DAPR Datasheet HTML 11Page - Texas Instruments TLC5921DAPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TLC5921
LED DRIVER
SLLS390 – SEPTEMBER 1999
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
setting for constant output current value
The constant current value is determined by external resistor, R(IREF) between IREF and GND. Refer constant
output current characteristics shown on Figure 5 for this external resistor value.
Note that more current flows if connect IREF to GND directly.
constant output current operation
When BLANK is low, the corresponding output is turned on if data latch value is 1, and turned off if data latch
value is 0. When BLANK is high, all outputs are forced to turn off. If there is constant current output terminal
left unconnected (includes LED disconnection), it should be lighted on after writing zero to corresponding data
latch to its output. If this operation is not done, supply current through constant current driver will increase.
shift register latch
The shift register latch is configured with 16
× 1 bits. The 1 bit for constant current output data represents ON
for constant current output if data is 1, or OFF if data is 0. The configuration of shift register latch is shown in
below.
(1 bits)
OUT15
Data
XLATCH
(1 bits)
OUT14
Data
(1 bits)
OUT1
Data
(1 bits)
OUT0
Data
Data Latch
16
SOUT
Shift Register
15
2
1
SIN
SCLK
Figure 3. Relationship Between Shift Register and Latch
SOUT output timing selection
By setting level of SOMODE, the SOUT output timing can be changed. When SOMODE is set to low, data is
clocked out to SOUT synchronized on the rising edge of SCLK, and when SOMODE is set to high, data is
clocked out to SOUT synchronized on the falling edge of SCLK. When SOMODE is set to high and shift
operation is done, the data shift error can be prevented even though SCLK signal is externally buffered in serial.
Note that the maximum data transfer rate in cascade operation is slower than that when SMODE is set to low.
TSD (thermal shutdown)
When the junction temperature exceeds the limit, TSD starts to function and turn constant current output off and
XDOWN goes low. Since XDOWN is configured with open-collector output, the outputs of multiple ICs can be
concatenated. To recover from constant current output off-state to normal operation, power supply should be
turned off and then turned on after several seconds.


Similar Part No. - TLC5921DAPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5921DAPR TI-TLC5921DAPR Datasheet
217Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5921DAPR TI1-TLC5921DAPR Datasheet
402Kb / 18P
[Old version datasheet]   LED DRIVER
TLC5921DAPRG4 TI-TLC5921DAPRG4 Datasheet
217Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5921DAPRG4 TI1-TLC5921DAPRG4 Datasheet
402Kb / 18P
[Old version datasheet]   LED DRIVER
More results

Similar Description - TLC5921DAPR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
   LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
[Old version datasheet]   LED DRIVER
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
[Old version datasheet]   LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
[Old version datasheet]   LED DRIVER
TLC5922 TI1-TLC5922_14 Datasheet
378Kb / 19P
[Old version datasheet]   LED DRIVER
logo
Dialog Semiconductor
SLG7NT4082 DIALOG-SLG7NT4082 Datasheet
372Kb / 9P
   LED DRIVER
logo
CUI INC
VLED15-120-350 CUI-VLED15-120-350_13 Datasheet
157Kb / 5P
   LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
   LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
   LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
   LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
   LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com