Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1078IPE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC1078IPE4
Description  LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1078IPE4 Datasheet(HTML) 1 Page - Texas Instruments

  TLC1078IPE4 Datasheet HTML 1Page - Texas Instruments TLC1078IPE4 Datasheet HTML 2Page - Texas Instruments TLC1078IPE4 Datasheet HTML 3Page - Texas Instruments TLC1078IPE4 Datasheet HTML 4Page - Texas Instruments TLC1078IPE4 Datasheet HTML 5Page - Texas Instruments TLC1078IPE4 Datasheet HTML 6Page - Texas Instruments TLC1078IPE4 Datasheet HTML 7Page - Texas Instruments TLC1078IPE4 Datasheet HTML 8Page - Texas Instruments TLC1078IPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
 µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179A – FEBRUARY 1997 – REVISED MARCH 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Power Dissipation as Low as 10 µW Typ Per
Amplifier
D Operates on a Single Silver-Oxide Watch
Battery, VDD = 1.4 V Min
D VIO . . . 450 µV/850 µV Max in DIP and
Small-Outline Package (TLC1078/79)
D Input Offset Voltage Drift . . . 0.1 µV/Month
Typ, Including the First 30 Days
D High-impedance LinCMOS Inputs
IIB = 0.6 pA Typ
D High Open-Loop Gain . . . 800000 Typ
D Output Drive Capability > 20 mA
D Slew Rate . . . 47 V/ms Typ
D Common-Mode Input Voltage Range
Extends Below the Negative Rail
D Output Voltage Range Includes Negative
Rail
D On-Chip ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
description
The TLC107x operational amplifiers offer ultra-
low offset voltage, high gain, 110-kHz bandwidth,
47-V/ms slew rate, and just 150-
µW power
dissipation per amplifier.
With a supply voltage of 1.4 V, common-mode
input to the negative rail, and output swing to the
negative rail, the TLC107xC is an ideal solution for
low-voltage
battery-operated
systems.
The
20-mA output drive capability means that the
TLC107x can easily drive small resistive and large
capacitive loads when needed, while maintaining
ultra-low standby power dissipation.
Since this device is functionally compatible as well
as pin compatible with the TLC27L2/4 and
TLC27L7/9,
the
TLC107x
easily
upgrades
existing designs that can benefit from its improved
performance.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN+
GND
VDD
2OUT
2IN –
2IN+
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN+
NC
NC – No internal connection
TLC1078
D, JG, OR P PACKAGE
(TOP VIEW)
TLC1078
FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
GND
NC
3IN+
1IN+
NC
VDD
NC
2IN+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VDD
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
GND
3IN+
3IN –
3OUT
TLC1079
D, J, OR N PACKAGE
(TOP VIEW)
TLC1079
FK PACKAGE
(TOP VIEW)


Similar Part No. - TLC1078IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1078IP TI-TLC1078IP Datasheet
530Kb / 33P
[Old version datasheet]   LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC1078IPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4ACDR TI1-TLC27M4ACDR Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com