Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4275QKVURQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLE4275QKVURQ1
Description  5-V LOW-DROPOUT VOLTAGE REGULATOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE4275QKVURQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TLE4275QKVURQ1 Datasheet HTML 1Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 2Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 3Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 4Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 5Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 6Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 7Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 8Page - Texas Instruments TLE4275QKVURQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
DVO
DT
TLE4275-Q1
SLVS647H – AUGUST 2006 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
over recommended operating free-air temperature range, VI = 13.5 V, TJ = −40°C to 150°C (unless otherwise noted)
(see Figure 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IO = 5 mA to 400 mA, VI = 6 V to 28 V
4.9
5
5.1
VO
Output voltage
V
IO = 5 mA to 200 mA, VI = 6 V to 40 V
4.9
5
5.1
IO
Output current limit
450
700
950
mA
TJ = 25°C
150
200
IO = 1 mA
μA
TJ ≤ 85°C
150
220
Current consumption
Iq
Iq = II − IO
IO = 250 mA
5
10
mA
IO = 400 mA
12
22
VDO
Dropout voltage(1)
IO = 300 mA, Vdo = VI − VO
250
500
mV
Load regulation
IO = 5 mA to 400 mA
15
30
mV
Line regulation
ΔVI = 8 V to 32 V, IO = 5 mA
–15
5
15
mV
PSRR
Power-supply ripple rejection
fr = 100 Hz, Vr = 0.5 Vpp
60
dB
Temperature output-voltage drift
0.5
mV/K
VO,rt
RESET switching threshold
4.5
4.65
4.8
V
VROL
RESET output low voltage
Rext ≥ 5 kΩ, VO > 1 V
0.2
0.4
V
IROH
RESET output leakage current
VROH = 5 V
0
10
μA
ID,c
RESET charging current
VD = 1 V
3
5.5
9
μA
VDU
RESET upper timing threshold
1.5
1.8
2.2
V
VDRL
RESET lower timing threshold
0.2
0.4
0.7
V
(1)
Measured when the output voltage VO has dropped 100 mV from the nominal value obtained at VI = 13.5 V
SWITCHING CHARACTERISTICS
over operating free-air temperature range (unless otherwise noted) (see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
trd
RESET delay time
CD = 47 nF
10
16
22
ms
trr
RESET reaction time
CD = 47 nF
0.5
2
µs
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: TLE4275-Q1


Similar Part No. - TLE4275QKVURQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE4275QKTTRQ1 TI-TLE4275QKTTRQ1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
More results

Similar Description - TLE4275QKVURQ1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5150CS STMICROELECTRONICS-L5150CS Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE7274-2 INFINEON-TLE7274-2 Datasheet
1Mb / 19P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, 2011-11-30
logo
STMicroelectronics
L5150GJ STMICROELECTRONICS-L5150GJ Datasheet
554Kb / 29P
   5 V low dropout voltage regulator
L5150CJTR STMICROELECTRONICS-L5150CJTR Datasheet
664Kb / 34P
   5 V low dropout voltage regulator
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1 Datasheet
314Kb / 12P
[Old version datasheet]   5-V LOW-DROPOUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE7272-2 INFINEON-TLE7272-2 Datasheet
450Kb / 21P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, June 2009
TLE7270-2 INFINEON-TLE7270-2 Datasheet
477Kb / 20P
   5-V Low Dropout Voltage Regulator
Rev. 1.01, July 2009
logo
STMicroelectronics
L5150BNTR STMICROELECTRONICS-L5150BNTR Datasheet
500Kb / 20P
   5 V low dropout voltage regulator
logo
Infineon Technologies A...
TLE4263-2ES INFINEON-TLE4263-2ES Datasheet
486Kb / 22P
   5-V Low Dropout Voltage Regulator
Rev. 1.0, April 2008
logo
Texas Instruments
TLE4275-Q1 TI-TLE4275-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TLE4275-Q1 5-V Low-Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com