Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1079ID Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1079ID
Description  LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1079ID Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLC1079ID Datasheet HTML 5Page - Texas Instruments TLC1079ID Datasheet HTML 6Page - Texas Instruments TLC1079ID Datasheet HTML 7Page - Texas Instruments TLC1079ID Datasheet HTML 8Page - Texas Instruments TLC1079ID Datasheet HTML 9Page - Texas Instruments TLC1079ID Datasheet HTML 10Page - Texas Instruments TLC1079ID Datasheet HTML 11Page - Texas Instruments TLC1079ID Datasheet HTML 12Page - Texas Instruments TLC1079ID Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
 µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179A – FEBRUARY 1997 – REVISED MARCH 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at specified free-air temperature
TLC1078C
PARAMETER
TEST CONDITIONS
TA
VDD = 5 V
VDD = 10 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
R1 M
C20 F
25
°C
32
47
SR
Slew rate at unity gain
RL = 1 MΩ,
VI(PP) =1V
CL = 20 pF,
See Figure 1
0
°C
35
51
V/ms
VI(PP) = 1 V, See Figure 1
70
°C
27
38
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
25
°C
68
68
nV/
√Hz
25
°C
85
110
B1
Unity-gain bandwidth
CL = 20 pF,
See Figure 2
0
°C
100
125
kHz
70
°C
65
90
25
°C
34
°
38
°
φm
Phase margin at unity gain
CL = 20 pF,
See Figure 2
0
°C
36
°
40
°
70
°C
30
°
34
°
operating characteristics at specified free-air temperature
TLC1079C
PARAMETER
TEST CONDITIONS
TA
VDD = 5 V
VDD = 10 V
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
R1 M
C20 F
25
°C
32
47
SR
Slew rate at unity gain
RL = 1 MΩ,
VI(PP) =1V
CL = 20 pF,
See Figure 1
0
°C
35
51
V/ms
VI(PP) = 1 V, See Figure 1
70
°C
27
38
Vn
Equivalent input noise voltage
f = 1 kHz,
RS = 20 Ω
25
°C
68
68
nV/
√Hz
25
°C
85
110
B1
Unity-gain bandwidth
CL = 20 pF,
See Figure 2
0
°C
100
125
kHz
70
°C
65
90
25
°C
34
°
38
°
φm
Phase margin at unity gain
CL = 20 pF,
See Figure 2
0
°C
36
°
40
°
70
°C
30
°
34
°


Similar Part No. - TLC1079ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1079ID TI-TLC1079ID Datasheet
530Kb / 33P
[Old version datasheet]   LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC1079ID

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274 TI-TLC274_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V01 Datasheet
1Mb / 48P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4_V02 Datasheet
1Mb / 47P
[Old version datasheet]   LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2CPE4 TI1-TLC27L2CPE4 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4_V01 Datasheet
1Mb / 43P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272 Datasheet
588Kb / 36P
[Old version datasheet]   LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4ACDR TI1-TLC27M4ACDR Datasheet
1Mb / 50P
[Old version datasheet]   LinCMOS PRECISION QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com