Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNQ600AP-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNQ600AP-E
Description  Quad channel high side driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600AP-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNQ600AP-E Datasheet HTML 4Page - STMicroelectronics VNQ600AP-E Datasheet HTML 5Page - STMicroelectronics VNQ600AP-E Datasheet HTML 6Page - STMicroelectronics VNQ600AP-E Datasheet HTML 7Page - STMicroelectronics VNQ600AP-E Datasheet HTML 8Page - STMicroelectronics VNQ600AP-E Datasheet HTML 9Page - STMicroelectronics VNQ600AP-E Datasheet HTML 10Page - STMicroelectronics VNQ600AP-E Datasheet HTML 11Page - STMicroelectronics VNQ600AP-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical specifications
VNQ600AP-E
8/26
Doc ID 10873 Rev 4
2.2
Thermal data
2.3
Electrical characteristics
Values specified in this section are for 8 V<VCC<36V; -40°C< Tj <150 °C, unless otherwise
specified.
Tj
Junction operating temperature
Internally limited
°C
Tstg
Storage temperature
-55 to 150
°C
Table 3.
Absolute maximum rating (continued)
Symbol
Parameter
Value
Unit
Table 4.
Thermal data (per island)
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal resistance Junction-lead (max)
15
°C/W
Rthj-amb
Thermal resistance Junction-ambient (one chip on max)
60(1)
44(2)
°C/W
Rthj-amb
Thermal Resistance Junction-ambient (two chips on
max)
46(1)
31((2))
°C/W
1. When mounted on a standard single-sided FR-4 board with 0.5 cm2 of Cu (at least 35
m thick) connected to all VCC pins.
Horizontal mounting and no artificial air flow.
2. When mounted on a standard single-sided FR-4 board with 6 cm2 of Cu (at least 35
m thick) connected to all VCC pins.
Horizontal mounting and no artificial air flow.
Table 5.
Power
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC(1)
Operating supply voltage
5.5
13
36
V
VUSD(1)
Undervoltage shutdown
3
4
5.5
V
VOV(1)
Overvoltage shutdown
36
-
-
V
RON
On-state resistance
IOUT1,2,3,4=5 A; Tj=25 °C
IOUT1,2,3,4=5 A; Tj=150 °C
IOUT1,2,3,4=3 A; VCC=6 V
--
35
70
120
m
m
m
Vclamp
Clamp voltage
ICC=20 mA(2)
41
48
55
V
IS(1)
Supply current
Off-state; VCC=13 V;
VIN=VOUT=VSENSE=0 V
Off-state; VCC=13 V;
VIN=VOUT=VSENSE=0V;
Tj =25 °C
On-state; VCC=13 V; VIN=5 V;
IOUT=0 A; RSENSE=3.9 K
VSENSE=0 V
-
12
12
40
25
6
µA
µA
mA
IL(off1)
Off-state output current
VIN=VOUT=VSENSE=0V
0
-
50
µA


Similar Part No. - VNQ600AP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ600AP STMICROELECTRONICS-VNQ600AP Datasheet
234Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600AP13TR STMICROELECTRONICS-VNQ600AP13TR Datasheet
234Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results

Similar Description - VNQ600AP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ690SP-E STMICROELECTRONICS-VNQ690SP-E Datasheet
187Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860TR-E STMICROELECTRONICS-VNQ860TR-E Datasheet
682Kb / 19P
   Quad channel high-side driver
VNQ600P-E STMICROELECTRONICS-VNQ600P-E Datasheet
220Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860-E STMICROELECTRONICS-VNQ860-E Datasheet
288Kb / 15P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ810M-E STMICROELECTRONICS-VNQ810M-E Datasheet
216Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860-E STMICROELECTRONICS-VNQ860-E_08 Datasheet
400Kb / 19P
   Quad channel high side driver
VNQ500 STMICROELECTRONICS-VNQ500 Datasheet
239Kb / 24P
   Quad channel high-side driver
September 2013 Rev 4
VNQ830M STMICROELECTRONICS-VNQ830M Datasheet
315Kb / 20P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ860 STMICROELECTRONICS-VNQ860 Datasheet
221Kb / 10P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ810 STMICROELECTRONICS-VNQ810 Datasheet
316Kb / 21P
   QUAD CHANNEL HIGH SIDE DRIVER
VNQ500PEPTR-E STMICROELECTRONICS-VNQ500PEPTR-E Datasheet
600Kb / 17P
   QUAD CHANNEL HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com