Electronic Components Datasheet Search |
|
AAT3215IGV-29-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies |
|
AAT3215IGV-29-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies |
2 / 16 page AAT3215 150mA CMOS High Performance LDO 2 3215.2002.03.0.91 Pin Descriptions Pin Configuration SOT-23-5 SC70JW-8 (Top View) (Top View) OUT OUT OUT GND EN IN IN BYP 1 2 3 4 8 7 6 5 1 2 3BYP EN OUT 4 5 GND IN Pin # Symbol Function SOT23-5 SC70JW-8 1 5, 6 IN Input voltage pin - should be decoupled with 1µF or greater capacitor. 2 8 GND Ground connection pin 3 7 EN Enable pin - this pin is internally pulled high. When pulled low the PMOS pass transistor turns off and all internal circuitry enters low-power mode, consuming less than 1µA. 4 1 BYP Bypass capacitor connection - to improve AC ripple rejection, connect a 10nF capacitor to GND. This will also provide a soft start function. 5 2, 3, 4 OUT Output pin - should be decoupled with 2.2µF capacitor. |
Similar Part No. - AAT3215IGV-29-T1 |
|
Similar Description - AAT3215IGV-29-T1 |