Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9250A-274-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 9250A-274-RC
Description  Molded Axial Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

9250A-274-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  9250A-274-RC Datasheet HTML 1Page - Bourns Electronic Solutions 9250A-274-RC Datasheet HTML 2Page - Bourns Electronic Solutions 9250A-274-RC Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
Formerly
model
Shielded
High Q value
Inductance range: 0.1
μH to 8200 μH
RoHS compliant*
Applications
Filters
Output chokes
9250A Series Molded Axial Inductor
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Specifications
General Specifications
Temperature Rise ................ 35 °C at Idc
Rated Current
..... Inductance drop 5 % typical at Isat
Operating Temperature
................................ -55 °C to +125 °C
Storage Temperature..............................
................................ -55 °C to +125 °C
Dielectric Strength ................. 1000 Vrms
Materials
Core.............................................. Ferrite
Wire ............................ Enameled copper
Terminal Coating................................. Sn
Packaging
Standard..................1000 pcs. per bag
Optional......2500 pcs. per 12-inch reel
Electrical Schematic
How to Order
9250A - 102 - __ - RC
Model
Value Code
(See table)
Packaging Code
Blank = 1000 pcs./bag
TR = 2500 pcs./12-inch reel
Compliance Code
RC = RoHS compliant*
Examples:
• 9250A-151-RC = 0.15
μH packaged
1000 pcs./bag.
• 9250A-681-TR-RC = 0.68
μH packaged
2500 pcs./12-inch reel.
Bourns Part No.
Inductance
Q
Min.
Test
Frequency
(MHz)
SRF
(MHz)
Min.
DCR
(
Ω)
Max.
Idc
(mA)
Isat
(mA)
(
μH)
Tol. (%)
9250A-101-RC
0.10
±10
50
25
250
0.025
1790
1790
9250A-121-RC
0.12
±10
51
25
250
0.034
1530
1530
9250A-151-RC
0.15
±10
51
25
250
0.037
1470
1470
9250A-181-RC
0.18
±10
50
25
250
0.047
1300
1300
9250A-221-RC
0.22
±10
49
25
250
0.067
1100
1100
9250A-271-RC
0.27
±10
47
25
250
0.11
855
855
9250A-331-RC
0.33
±10
46
25
250
0.13
780
780
9250A-391-RC
0.39
±10
44
25
250
0.18
670
670
9250A-471-RC
0.47
±10
44
25
235
0.25
565
565
9250A-561-RC
0.56
±10
43
25
210
0.33
490
490
9250A-681-RC
0.68
±10
42
25
190
0.45
420
420
9250A-821-RC
0.82
±10
50
25
180
0.59
370
370
9250A-102-RC
1.0
±10
40
25
140
0.07
1070
1070
9250A-122-RC
1.2
±10
44
7.9
130
0.10
895
895
9250A-152-RC
1.5
±10
44
7.9
115
0.12
815
815
9250A-182-RC
1.8
±10
44
7.9
105
0.14
775
775
9250A-222-RC
2.2
±10
44
7.9
100
0.19
650
650
9250A-272-RC
2.7
±10
44
7.9
92
0.28
535
535
9250A-332-RC
3.3
±10
44
7.9
85
0.35
480
480
9250A-392-RC
3.9
±10
44
7.9
75
0.40
450
450
9250A-472-RC
4.7
±10
44
7.9
70
0.55
380
380
9250A-562-RC
5.6
±10
44
7.9
65
0.72
335
335
9250A-682-RC
6.8
±10
50
7.9
55
1.02
280
280
9250A-822-RC
8.2
±10
50
7.9
50
1.32
250
250
9250A-103-RC
10
±10
50
7.9
46
1.62
220
220
9250A-123-RC
12
±10
55
2.5
44
2.00
200
200
9250A-153-RC
15
±10
45
2.5
49
0.80
315
250
9250A-183-RC
18
±10
45
2.5
45
0.89
300
235
9250A-223-RC
22
±10
45
2.5
41
0.96
290
220
9250A-273-RC
27
±10
45
2.5
38
1.19
260
200
9250A-333-RC
33
±10
45
2.5
34
1.37
240
190
9250A-393-RC
39
±10
50
2.5
29
1.93
205
180
9250A-473-RC
47
±10
50
2.5
27
2.11
195
175
9250A-563-RC
56
±10
50
2.5
25
2.23
190
160
9250A-683-RC
68
±10
50
2.5
21
2.70
170
150
9250A-823-RC
82
±10
50
2.5
10.5
2.44
180
140
9250A-104-RC
100
±10
50
2.5
10
3.12
160
120
9250A-124-RC
120
±10
55
0.79
9.7
3.6
150
95
9250A-154-RC
150
±10
55
0.79
8.5
4.1
140
90
9250A-184-RC
180
±10
55
0.79
8.0
4.4
135
85
9250A-224-RC
220
±10
55
0.79
7.5
5.0
125
80
9250A-274-RC
270
±10
55
0.79
7.0
5.8
115
70
9250A-334-RC
330
±10
55
0.79
6.5
6.4
110
65
9250A-394-RC
390
±10
60
0.79
6.2
7.4
105
60
9250A-474-RC
470
±10
60
0.79
5.7
9.5
92
58
9250A-564-RC
560
±10
60
0.79
4.7
10.5
90
55
9250A-684-RC
680
±10
60
0.79
4.5
11.8
80
50
9250A-824-RC
820
±10
60
0.79
4.2
13.0
80
45
Electrical specifications continued on page 2.


Similar Part No. - 9250A-274-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9250A-274-RC BOURNS-9250A-274-RC Datasheet
248Kb / 2P
   Molded Axial Inductor
More results

Similar Description - 9250A-274-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1641 ETC2-LAM-1641 Datasheet
28Kb / 1P
   Axial Molded Inductor
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
   Molded Axial Inductor
logo
Caliber Electronics Inc...
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
Bourns Electronic Solut...
9250A BOURNS-9250A Datasheet
248Kb / 2P
   Molded Axial Inductor
9310-00-RC BOURNS-9310-00-RC Datasheet
226Kb / 2P
   Molded Axial Inductor
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
   Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
   AXIAL INDUCTOR
20091221-C
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
   AXIAL INDUCTOR
20080714-A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com