Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV3501AIDRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV3501AIDRG4
Description  4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV3501AIDRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV3501AIDRG4 Datasheet HTML 1Page - Texas Instruments TLV3501AIDRG4 Datasheet HTML 2Page - Texas Instruments TLV3501AIDRG4 Datasheet HTML 3Page - Texas Instruments TLV3501AIDRG4 Datasheet HTML 4Page - Texas Instruments TLV3501AIDRG4 Datasheet HTML 5Page - Texas Instruments TLV3501AIDRG4 Datasheet HTML 6Page - Texas Instruments TLV3501AIDRG4 Datasheet HTML 7Page - Texas Instruments TLV3501AIDRG4 Datasheet HTML 8Page - Texas Instruments TLV3501AIDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLV3501
TLV3502
SBOS321D − MARCH 2005 − REVISED JULY 2005
www.ti.com
5
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +5V, and Input Overdrive = 100mV, unless otherwise noted.
9
8
7
6
5
4
3
PROPAGATION DELAY vs SUPPLY VOLTAGE
(V
CM =1V, VOD = 20mV)
26
45
3
Supply Voltage (V)
Rise
Fall
110
90
70
50
WAKE−UP DELAY vs TEMPERATURE
Temperature (
_C)
−40
100
125
−25
0
255075
10
0
−10
5
4
3
2
1
0
−1
RESPONSE TO 50MHz SINE WAVE
(V
DD =5V, VIN = 20mVPP)
0
100
40
60
80
20
Time (ns)
RESPONSE TO 100MHz SINE WAVE
(
±2.5V dual supply into 50Ωoscilloscope input)
Time (ns)
500
0
−500
2
1
0
−1
−2
0
2
4
6
8
10
12
14
16
18
20
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
QUIESCENT CURRENT vs SUPPLY VOLTAGE
26
45
3
Supply Voltage (V)
4.0
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
QUIESCENT CURRENT vs TEMPERATURE
−40 −25
0
125
50
75
100
25
Temperature (
_C)


Similar Part No. - TLV3501AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3501AIDRG4 TI-TLV3501AIDRG4 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
More results

Similar Description - TLV3501AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3502AIDG4 TI1-TLV3502AIDG4 Datasheet
780Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502AIDCNTG4 TI-TLV3502AIDCNTG4 Datasheet
818Kb / 21P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501 TI-TLV3501 Datasheet
381Kb / 15P
[Old version datasheet]   4.5ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1_15 Datasheet
998Kb / 22P
[Old version datasheet]   Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3501A-Q1 TI1-TLV3501A-Q1 Datasheet
653Kb / 18P
[Old version datasheet]   4.5-ns Rail-to-Rail, High-Speed Comparator in Microsize Packages
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
STMicroelectronics
TS3011 STMICROELECTRONICS-TS3011 Datasheet
239Kb / 14P
   Rail-to-rail high-speed comparator
TS3021 STMICROELECTRONICS-TS3021 Datasheet
901Kb / 17P
   Rail-to-rail 1.8V high-speed comparator
TS3021_0710 STMICROELECTRONICS-TS3021_0710 Datasheet
901Kb / 16P
   Rail-to-rail 1.8V high-speed comparator
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1 Datasheet
575Kb / 17P
[Old version datasheet]   4.5-ns RAIL-TO-RAIL HIGH-SPEED COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com