Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3532 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part # AAT3532
Description  MicroPower??Microprocessor Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3532 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3532 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3532 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AAT3532
MicroPower™ Microprocessor Reset Circuit
3532.2001.11.0.9
5
Applications Information
Power Monitor
The reset function monitors the VCC supply to ensure
a microprocessor is correctly reset and is powered
up into a known condition following a power supply
failure. RST and RST will remain valid for Vcc volt-
ages down to 1.4V.
The RST and RST pins are asserted whenever VCC
drops below the reset threshold voltage. This volt-
age can be set by programming the TOL pin.
Connecting TOL to VCC sets the 10% tolerance of
the VCC supply (typically 4.37V for VCC = 5V).
Connecting TOL to GND sets the 5% tolerance of
the VCC supply (typically 4.62V for VCC = 5V). The
reset pin is guaranteed to remain asserted for a
minimum period of 250ms after VCC has risen
above the reset threshold voltage.
RST output is an open drain output. For correct
operation, a pull-up resistor of 10k
Ω should be con-
nected between this output and VCC.
Functional Block Diagram
Watchdog
Timer
Detector
De-Bounce
Circuit
Watchdog
Timer
Reset
Generator
VCC
Tolerance
Select
VCC
TOL
TD
ST
PBRST
GND
RST
RST
VREF
Figure 1. Reset Output Delay
VCC
tRPU
tRPD
RST
RST
+5V
+4.75V (5% Trip Point)
+4.50V (10% Trip Point)
RESET output delay (VCC Falling)
RESET output delay (VCC Rising)
0V


Similar Part No. - AAT3532

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Skyworks Solutions Inc.
AAT3532 SKYWORKS-AAT3532 Datasheet
580Kb / 8P
   MicroPowerTM Microprocessor Reset Circuit
August 8, 2012
logo
Advanced Analog Technol...
AAT3532IAS-T1 AAT-AAT3532IAS-T1 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532IAS-T1 ANALOGICTECH-AAT3532IAS-T1 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Skyworks Solutions Inc.
AAT3532IAS-T1 SKYWORKS-AAT3532IAS-T1 Datasheet
580Kb / 8P
   MicroPowerTM Microprocessor Reset Circuit
August 8, 2012
More results

Similar Description - AAT3532

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520 Datasheet
225Kb / 8P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com