Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM104SH-2R5-RC Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PM104SH-2R5-RC
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM104SH-2R5-RC Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PM104SH-2R5-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM104SH-2R5-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7.4
(.291)
TYP.
TYP.
10.0 ± 0.3
(.394 ± .012)
3.4
(.134)
TYP.
3.2
(.126)
TYP.
3.4
(.134)
3.8 ± 0.3
(.150 ± .012)
10.0 ± 0.3
(.394 ± .012)
Features
Formerly
model
Available in E6 series
Unit height of 3.8 mm
Current up to 7.2 A
RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communication equipment
• Camcorders
• LCD TVs
• Car radios
PM104SH Series - Shielded SMD Power Inductors
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Specifications
Test Voltage .......................................1 V
Reflow Soldering .. 230 °C, 50 sec. max.
Operating Temperature
................................-40 °C to +125 °C
(Temperature rise included)
Storage Temperature .. -40 °C to +125 °C
Resistance to Soldering Heat
............................... 260 °C for 10 sec.
Materials
Core....................Ferrite DR and RI core
Wire ............................Enameled copper
Base .....................................LCP E4008
Terminal ....................................Ag/Ni/Sn
Rated Current
................... Ind. drop 35 % typ. at Isat
Temperature Rise
.....................40 °C max. at rated Irms
Packaging.................. 1000 pcs. per reel
DIMENSIONS:
MM
(INCHES)
Product Dimensions
Electrical Specifications
Recommended Layout
Inductance 100 kHz
Test
SRF
I rms
I sat
Q
Frequency
Min.
RDC
Max.
Typ.
Bourns Part No.
(µH)
Tol. %
Ref.
(MHz)
(MHz)
(m
Ω)
(A)
(A)
PM104SH-1R5-RC
1.5
± 30
14
7.96
65.0
5.2
7.20
7.00
PM104SH-2R5-RC
2.5
± 30
12
7.96
50.0
12.5
6.10
6.00
PM104SH-3R8-RC
3.8
± 30
14
7.96
35.0
15.0
5.50
5.50
PM104SH-5R2-RC
5.2
± 30
12
7.96
30.0
22.0
4.60
4.80
PM104SH-7R0-RC
7.0
± 30
13
7.96
36.0
35.0
3.90
4.00
PM104SH-100-RC
10.0
± 30
24
7.96
20.0
25.0
3.80
3.60
PM104SH-150-RC
15.0
± 30
24
2.52
16.0
37.0
2.80
2.70
PM104SH-220-RC
22.0
± 30
20
2.52
12.0
55.8
2.20
2.30
PM104SH-330-RC
33.0
± 30
22
2.52
10.0
86.0
1.80
1.80
PM104SH-470-RC
47.0
± 30
22
2.52
8.0
121.0
1.65
1.60
PM104SH-680-RC
68.0
± 30
24
2.52
7.0
166.0
1.10
1.30
PM104SH-101-RC
100.0
± 30
24
0.796
6.0
220.0
1.30
1.10
PM104SH-151-RC
150.0
± 30
20
0.796
5.0
358.0
0.90
0.80
PM104SH-221-RC
220.0
± 30
22
0.796
4.0
565.0
0.65
0.65
PM104SH-331-RC
330.0
± 30
20
0.796
3.0
773.0
0.55
0.52
Inductor Connection
Electrical Schematic
100
LCR METER
7.2
(.283)
1.8
(.071)
1.8
(.071)
3.6
(.142)
REF.
REF.
REF.
REF.


Similar Part No. - PM104SH-2R5-RC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PM10-12D12 ETC2-PM10-12D12 Datasheet
213Kb / 3P
   An Invensys company
PM10-12D15 ETC2-PM10-12D15 Datasheet
213Kb / 3P
   An Invensys company
PM10-12S03 ETC2-PM10-12S03 Datasheet
213Kb / 3P
   An Invensys company
PM10-12S05 ETC2-PM10-12S05 Datasheet
213Kb / 3P
   An Invensys company
PM10-12S12 ETC2-PM10-12S12 Datasheet
213Kb / 3P
   An Invensys company
More results

Similar Description - PM104SH-2R5-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com