Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5617AIDG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV5617AIDG4
Description  2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5617AIDG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV5617AIDG4 Datasheet HTML 1Page - Texas Instruments TLV5617AIDG4 Datasheet HTML 2Page - Texas Instruments TLV5617AIDG4 Datasheet HTML 3Page - Texas Instruments TLV5617AIDG4 Datasheet HTML 4Page - Texas Instruments TLV5617AIDG4 Datasheet HTML 5Page - Texas Instruments TLV5617AIDG4 Datasheet HTML 6Page - Texas Instruments TLV5617AIDG4 Datasheet HTML 7Page - Texas Instruments TLV5617AIDG4 Datasheet HTML 8Page - Texas Instruments TLV5617AIDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TLV5617A
2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG
CONVERTER WITH POWER DOWN
SLAS234F – JULY 1999 – REVISED JULY 2002
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
(Continued)
digital inputs
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IIH
High-level digital input current
VI = VDD
1
µA
IIL
Low-level digital input current
VI = 0 V
–1
µA
Ci
Input capacitance
8
pF
analog output dynamic performance
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
t
Output settling time full scale
R10 k
C
100 pF See Note 11
Fast
1
3
s
ts(FS)
Output settling time, full scale
RL = 10 kΩ,CL = 100 pF, See Note 11
Slow
3
10
µs
t
Output settling time code to code
R10 k
C
100 pF See Note 12
Fast
1
s
ts(CC)
Output settling time, code to code
RL = 10 kΩ,CL = 100 pF, See Note 12
Slow
2
µs
SR
Slew rate
R10 k
C
100 pF See Note 13
Fast
3
V/ s
SR
Slew rate
RL = 10 kΩ,CL = 100 pF, See Note 13
Slow
0.5
V/
µs
Glitch energy
DIN = 0 to 1,
FCLK = 100 kHz, CS = VDD
5
nV–s
SNR
Signal-to-noise ratio
68
SINAD
Signal-to-noise + distortion
fs = 102 kSPS, fout = 1 kHz, RL = 10 kΩ,
65
dB
THD
Total harmonic distortion
fs = 102 kSPS, fout = 1 kHz, RL = 10 kΩ,
CL = 100 pF
–62
dB
SFDR
Spurious free dynamic range
L
64
NOTES: 11. Settling time is the time for the output signal to remain within
±0.5 LSB of the final measured value for a digital input code change
of 0x020 to 0xFDC and 0xFDC to 0x020 respectively. Not tested, assured by design.
12. Settling time is the time for the output signal to remain within
± 0.5 LSB of the final measured value for a digital input code change
of one count. Not tested, assured by design.
13. Slew rate determines the time it takes for a change of the DAC output from 10% to 90% of full-scale voltage.


Similar Part No. - TLV5617AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5617AID TI-TLV5617AID Datasheet
197Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5617AIDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5617A TI-TLV5617A Datasheet
197Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625 TI-TLV5625 Datasheet
194Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618AQDG4 TI-TLV5618AQDG4 Datasheet
991Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5625ID TI-TLV5625ID Datasheet
218Kb / 15P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN 
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5606 TI-TLV5606_15 Datasheet
1,014Kb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI-TLV5606 Datasheet
443Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV5606 TI1-TLV5606_16 Datasheet
1Mb / 28P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 10-BIT DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com