Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5618ACPE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLV5618ACPE4
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5618ACPE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5618ACPE4 Datasheet HTML 3Page - Texas Instruments TLV5618ACPE4 Datasheet HTML 4Page - Texas Instruments TLV5618ACPE4 Datasheet HTML 5Page - Texas Instruments TLV5618ACPE4 Datasheet HTML 6Page - Texas Instruments TLV5618ACPE4 Datasheet HTML 7Page - Texas Instruments TLV5618ACPE4 Datasheet HTML 8Page - Texas Instruments TLV5618ACPE4 Datasheet HTML 9Page - Texas Instruments TLV5618ACPE4 Datasheet HTML 10Page - Texas Instruments TLV5618ACPE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLV5618A
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT
DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
SLAS230H – JULY 1999 – REVISED JULY 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
2.046
2.044
2.040
2.038
2.036
2.050
2.042
2.048
Load Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
VDD = 3 V
VREF = 1 V
Full Scale
3 V Slow Mode, SOURCE
3 V Fast Mode, SOURCE
0 –0.01 –0.02 –0.5 –0.1 –0.2 –0.5
–1
–2
–0.8
Figure 3
4.095
4.090
4.080
4.075
4.070
4.105
4.085
4.100
OUTPUT VOLTAGE
vs
LOAD CURRENT
VDD = 5 V
VREF = 2 V
Full Scale
5 V Slow Mode, SOURCE
5 V Fast Mode, SOURCE
Load Current – mA
0 –0.02 –0.04 –0.1 –0.2 –0.4
–1
–2
–4
–0.8
Figure 4
0.16
0.14
0.10
0.08
0.06
0.20
0.12
0.18
Load Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
3 V Slow Mode, SINK
3 V Fast Mode, SINK
0.04
0.02
0.00
VDD = 3 V
VREF = 1 V
Zero Scale
0
0.01 0.02 0.05 0.1
0.2
0.5
1
2
0.8
Figure 5
0.25
0.20
0.10
0.05
0.00
0.35
0.15
0.30
Load Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
5 V Slow Mode, SINK
5 V Fast Mode, SINK
VDD = 5 V
VREF = 2 V
Zero Scale
0
0.02 0.04
0.1
0.2
0.4
1
2
4
0.8


Similar Part No. - TLV5618ACPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5618ACPE4 TI-TLV5618ACPE4 Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618ACPE4 TI-TLV5618ACPE4 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618ACPE4 TI1-TLV5618ACPE4 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5618ACPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com