Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX-9172 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # IMX-9172
Description  Industrial Mobile Handheld Device
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IMX-9172 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  IMX-9172 Datasheet HTML 1Page - List of Unclassifed Manufacturers IMX-9172 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IMX-9000
Features
Microsoft Windows CE 6.0 R3 operation platform
3.5” QVGA TFT-LCD (240 x 320); sunlight readable;
resistive-type touch panel
Data input by 28 numeric push keys; simplified Chinese syllable input
exclusive keys for easier utilization
Wireless radio
WLAN: IEEE 802.11 b/g/n
WPAN: Bluetooth V2.1+ EDR Class II
WWAN: GSM / GPRS Module
Integrated GPS
Data capture
1D laser engine / 2D imager
HF RFID (13.56MHz) data capture: ISO15693, ISO14443A
0.3M pixel camera on front; 5M pixel camera on rear,
auto focus, adjustable flash
Rechargeable 3000mAh (or 3900mAh - optional) Li-ion battery
1.5m drop and IP65 sealing
Mini-PCIe for WCDMA/HSUPA module (optional)
Physical Characteristics
Working Environment
Wireless
Performance Characteristics
Data Capture
Dimensions
(L x W x T)
162 x 80 x 30.5(mm) / 6.3 x 3.1 x 1.2(inch)
Weight
Less than 380g (standard battery included)
Display
3.5" QVGA TFT-LCD, resistive-type touch panel
Resolution: 240 x 320; sunlight readable
Keypad
28 numeric + 4 side keys
Main
Battery
Rechargeable 3000mAh Li-ion battery
(optional 3900mAh available)
Expansion Slot
microSD, supporting microSDHC up to 32G
SIM Slot
One SIM card slot
Camera
0.3M pixel camera on front; 5M pixel camera on rear,
auto focus, adjustable flash
GPS
Integrated GPS
Audio
Speaker, microphone, 3.5mm headphone slot, blue-
tooth headphone
Indication
Vibration reminding and LED display
Operating
Temperature
-10°C ~ 50°C / 14°F ~ 122°F
Storage
Temperature
-20°C ~ 60°C / -4°F ~ 140°F
Charging Tem-
perature
0°C ~ 40°C / 32°F ~ 104°F
Humidity
5% to 95% (no condensation)
Drop Spec
1.5m drop onto metal
Sealing Spec
IP65
Electrostatic
±12KV (air discharge) / ±8KV (direct discharge)
WLAN
IEEE 802.11 b/g/n
WPAN
Bluetooth V2.1 + EDR Class II
WWAN
GSM / GPRS Module
CPU
Marvel PXA310 @ 806 MHz
OS
Windows CE 6.0 Professional R3
Memory
512 MB NAND Flash Memory / 512 MB DDR RAM
Operating
Interface
USB1.1 Host, USB 2.0 Client
1D / 2D
1D laser engine / 2D imager
RFID
HF RFID (13.56MHz) data capture: ISO15693,
ISO14443A
Industrial Mobile Handheld Device
www.adlinktech.com
www.adlinktech.com


Similar Part No. - IMX-9172

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMX-1000 ETC2-IMX-1000 Datasheet
1Mb / 2P
   Industrial Mobile Handheld Device
IMX-1100 ETC2-IMX-1100 Datasheet
516Kb / 2P
   Industrial Mobile Handheld Device
IMX-2000 ETC2-IMX-2000 Datasheet
1Mb / 2P
   Industrial Mobile Handheld Device
IMX-2170 ETC2-IMX-2170 Datasheet
1Mb / 2P
   Industrial Mobile Handheld Device
IMX-2171 ETC2-IMX-2171 Datasheet
1Mb / 2P
   Industrial Mobile Handheld Device
More results

Similar Description - IMX-9172

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IMX-3000 ETC2-IMX-3000 Datasheet
516Kb / 2P
   Industrial Mobile Handheld Device
IMX-2000 ETC2-IMX-2000 Datasheet
1Mb / 2P
   Industrial Mobile Handheld Device
logo
Endress+Hauser Group Se...
CML18 EH-CML18 Datasheet
1Mb / 16P
   Multiparameter mobile device
2021-03-29
logo
Prolific Technology Inc...
MA8170 PROLIFIC-MA8170 Datasheet
282Kb / 2P
   USB 2.0 Handheld Device Reader Controller
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
   ULTRA MOBILE PC/MOBILE INTERNET DEVICE
logo
Renesas Technology Corp
9UMS9633B RENESAS-9UMS9633B Datasheet
600Kb / 23P
   Ultra-Mobile PC/Mobile Internet Device
Jan 18, 2022
logo
Richtek Technology Corp...
RT9941 RICHTEK-RT9941 Datasheet
711Kb / 33P
   Power Management ICs for Handheld Device
RT9945 RICHTEK-RT9945 Datasheet
686Kb / 33P
   Power Management ICs for Handheld Device
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com