Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV5618AQDRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV5618AQDRG4
Description  2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5618AQDRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TLV5618AQDRG4 Datasheet HTML 1Page - Texas Instruments TLV5618AQDRG4 Datasheet HTML 2Page - Texas Instruments TLV5618AQDRG4 Datasheet HTML 3Page - Texas Instruments TLV5618AQDRG4 Datasheet HTML 4Page - Texas Instruments TLV5618AQDRG4 Datasheet HTML 5Page - Texas Instruments TLV5618AQDRG4 Datasheet HTML 6Page - Texas Instruments TLV5618AQDRG4 Datasheet HTML 7Page - Texas Instruments TLV5618AQDRG4 Datasheet HTML 8Page - Texas Instruments TLV5618AQDRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TLV5618A
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT
DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
SLAS230H – JULY 1999 – REVISED JULY 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
power supply
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 4.5 V to
Fast
1.8
2.5
mA
VDD 4.5 V to
55 V
mA
5.5 V
C&I
Slow
08
1
mA
5.5 V
C & I
Slow
0.8
1
I
Power supply current
No load, All inputs = AGND or
VDD = 2.7 V to
C & I
suffixes
Fast
1.6
2.2
mA
IDD
Power supply current
No load, All in uts = AGND or
VDD DAC latch = All ones
VDD 2.7 V to
33 V
Slow
06
09
mA
IDD
Power su
ly current
VDD, DAC latch = All ones
3.3 V
Slow
0.6
0.9
Fast
18
23
VDD = 2.7 V to
M & Q
Fast
1.8
2.3
mA
VDD 2.7 V to
5.5 V
M & Q
suffixes
Slow
0.8
1
mA
Power down supply current
1
µA
PSRR
Power supply rejection ratio
Zero scale, See Note 2
–65
dB
PSRR
Power supply rejection ratio
Full scale,
See Note 3
–65
dB
NOTES:
2. Power supply rejection ratio at zero scale is measured by varying VDD and is given by:
PSRR = 20 log [(EZS(VDDmax) – EZS(VDDmin)/VDDmax]
3. Power supply rejection ratio at full scale is measured by varying VDD and is given by:
PSRR = 20 log [(EG(VDDmax) – EG(VDDmin)/VDDmax]
static DAC specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
12
bits
INL
Integral nonlinearity
See Note 4
±2
±4
LSB
DNL
Differential nonlinearity
See Note 5
±0.5
±1
LSB
EZS
Zero-scale error (offset error at zero
scale)
See Note 6
±12
mV
EZS (TC)
Zero-scale-error temperature
coefficient
See Note 7
3
ppm/
°C
C & I suffixes
VDD = 4.5 V – 5.5 V
±0.29
%f ll
EG
Gain error
See Note 8
C & I suffixes
VDD = 2.7 V – 3.3 V
±0.6
% full
scale V
EG
Gain error
See Note 8
M & Q suffixes
VDD = 2.7 V – 5.5 V
±0.6
scale V
EG (TC)
Gain-error temperature coefficient
See Note 9
1
ppm/
°C
NOTES:
4. The relative accuracy of integral nonlinearity (INL), sometimes referred to as linearity error, is the maximum deviation of the output
from the line between zero and full scale, excluding the effects of zero-code and full-scale errors.
5. The differential nonlinearity (DNL), sometimes referred to as differential error, is the difference between the measured and ideal
1-LSB amplitude change of any two adjacent codes.
6. Zero-scale error is the deviation from zero voltage output when the digital input code is zero.
7. Zero-scale-error temperature coefficient is given by: EZS TC = [EZS (Tmax) – EZS (Tmin)]/2Vref × 106/(Tmax – Tmin).
8. Gain error is the deviation from the ideal output (2Vref – 1 LSB) with an output load of 10 kΩ.
9. Gain temperature coefficient is given by: EG TC = [EG (Tmax) – Eg (Tmin)]/2Vref × 106/(Tmax – Tmin).
output specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VO
Output voltage range
RL = 10 kΩ
0
VDD–0.4
V
Output load regulation accuracy
VO = 4.096 V, 2.048 V,
RL = 2 kΩ to 10 kΩ
±0.29
% FS


Similar Part No. - TLV5618AQDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5618AQDRG4 TI1-TLV5618AQDRG4 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results

Similar Description - TLV5618AQDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A-EP TI1-TLV5618A-EP Datasheet
395Kb / 17P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com