Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC256-25 Datasheet(PDF) 1 Page - Texas Instruments

Part # PC256-25
Description  TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PC256-25 Datasheet(HTML) 1 Page - Texas Instruments

  PC256-25 Datasheet HTML 1Page - Texas Instruments PC256-25 Datasheet HTML 2Page - Texas Instruments PC256-25 Datasheet HTML 3Page - Texas Instruments PC256-25 Datasheet HTML 4Page - Texas Instruments PC256-25 Datasheet HTML 5Page - Texas Instruments PC256-25 Datasheet HTML 6Page - Texas Instruments PC256-25 Datasheet HTML 7Page - Texas Instruments PC256-25 Datasheet HTML 8Page - Texas Instruments PC256-25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TMS27C256 32768 BY 8BIT UV ERASABLE
TMS27PC256 32768 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS256H− SEPTEMBER 1984 − REVISED NOVEMBER 1997
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Organization ...32768 by 8 Bits
D Single 5-V Power Supply
D Pin Compatible With Existing 256K MOS
ROMs, PROMs, and EPROMs
D All Inputs /Outputs Fully TTL Compatible
D Max Access/Min Cycle Time
VCC ± 10%
’27C / PC256-10
100 ns
’27C / PC256-12
120 ns
’27C / PC256-15
150 ns
’27C / PC256-17
170 ns
’27C / PC256-20
200 ns
’27C / PC256-25
250 ns
D Power Saving CMOS Technology
D Very High-Speed SNAP! Pulse
Programming
D 3-State Output Buffers
D 400-mV Minimum DC Noise Immunity With
Standard TTL Loads
D Latchup Immunity of 250 mA on All Input
and Output Lines
D Low Power Dissipation (VCC = 5.5 V)
− Active . . . 165 mW Worst Case
− Standby . . . 1.4 mW Worst Case
(CMOS Input Levels)
D Temperature Range Options
D 256K EPROM Available With MIL-STD-883C
Class B High Reliability Processing
(SMJ27C256)
description
The TMS27C256 series are 32 768 by 8-bit
(262 144-bit), ultraviolet (UV) light erasable,
electrically programmable read-only memories
(EPROMs).
The TMS27PC256 series are 32 768 by 8-bit
(262 144-bit), one-time programmmable (OTP)
electrically programmable read-only memories
(PROMs).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
32 1 32 31
14
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
430
15 16 17 18 19 20
PIN NOMENCLATURE
A0 − A14
Address Inputs
DQ0 − DQ7
Inputs (programming) / Outputs
E
Chip Enable / Powerdown
G
Output Enable
GND
Ground
NC
No Internal Connection
NU
Make No External Connection
VCC
5-V Power Supply
VPP
13-V Power Supply †
J PACKAGE
( TOP VIEW )
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VPP
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
VCC
A14
A13
A8
A9
A11
G
A10
E
DQ7
DQ6
DQ5
DQ4
DQ3
A8
A9
A11
NC
G
A10
E
DQ7
DQ6
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
FM PACKAGE
( TOP VIEW )
† Only in program mode
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 1997, Texas Instruments Incorporated


Similar Part No. - PC256-25

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PC25012 NIEC-PC25012 Datasheet
204Kb / 3P
   DIODE MODULE 250A/1200,1600V
PC25012 NIEC-PC25012 Datasheet
152Kb / 2P
   250A Avg 1200 1600 Volts
PC25012 NIEC-PC25012_1 Datasheet
152Kb / 2P
   250A Avg 1200 1600 Volts
PC25016 NIEC-PC25016 Datasheet
204Kb / 3P
   DIODE MODULE 250A/1200,1600V
PC25016 NIEC-PC25016 Datasheet
152Kb / 2P
   250A Avg 1200 1600 Volts
More results

Similar Description - PC256-25

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-2JL TI-TMS27C256-2JL Datasheet
196Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
TMS27C256 TI-TMS27C256 Datasheet
182Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com