Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS27PC256NL Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS27PC256NL
Description  TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS27PC256NL Datasheet(HTML) 3 Page - Texas Instruments

  TMS27PC256NL Datasheet HTML 1Page - Texas Instruments TMS27PC256NL Datasheet HTML 2Page - Texas Instruments TMS27PC256NL Datasheet HTML 3Page - Texas Instruments TMS27PC256NL Datasheet HTML 4Page - Texas Instruments TMS27PC256NL Datasheet HTML 5Page - Texas Instruments TMS27PC256NL Datasheet HTML 6Page - Texas Instruments TMS27PC256NL Datasheet HTML 7Page - Texas Instruments TMS27PC256NL Datasheet HTML 8Page - Texas Instruments TMS27PC256NL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TMS27C256 32768 BY 8BIT UV ERASABLE
TMS27PC256 32768 BY 8BIT
PROGRAMMABLE READONLY MEMORIES
SMLS256H− SEPTEMBER 1984 − REVISED NOVEMBER 1997
3
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
operation
The seven modes of operation are listed in Table 2. The read mode requires a single 5-V supply. All inputs are
TTL level except for VPP during programming (13 V for SNAP! Pulse), and 12 V on A9 for the signature mode.
Table 2. Operation Modes
MODE†
FUNCTION
READ
OUTPUT
DISABLE
STANDBY
PROGRAMMING
VERIFY
PROGRAM
INHIBIT
SIGNATURE
MODE
E
VIL
VIL
VIH
VIL
VIH
VIH
VIL
G
VIL
VIH
X
VIH
VIL
X
VIL
VPP
VCC
VCC
VCC
VPP
VPP
VPP
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
A9
X
X
X
X
X
X
VH‡
VH‡
A0
X
X
X
X
X
X
VIL
VIH
CODE
DQ0 − DQ7
Data Out
Hi-Z
Hi-Z
Data In
Data Out
Hi-Z
MFG
DEVICE
DQ0 − DQ7
Data Out
Hi-Z
Hi-Z
Data In
Data Out
Hi-Z
97
04
† X can be VIL or VIH.
‡ VH = 12 V ± 0.5 V.
read / output disable
When the outputs of two or more TMS27C256s or TMS27PC256s are connected in parallel on the same bus,
the output of any particular device in the circuit can be read with no interference from the competing outputs
of the other devices. To read the output of a single device, a low-level signal is applied to the E and G pins. All
other devices in the circuit should have their outputs disabled by applying a high-level signal to one of these
pins. Output data is accessed at pins DQ0 through DQ7.
latchup immunity
Latchup immunity on the TMS27C256 and TMS27PC256 is a minimum of 250 mA on all inputs and outputs.
This feature provides latchup immunity beyond any potential transients at the P.C. board level when the devices
are interfaced to industry-standard TTL or MOS logic devices. Input-output layout approach controls latchup
without compromising performance or packing density.
power down
Active ICC supply current can be reduced from 30 mA to 500 µA (TTL-level inputs) or 250 µA (CMOS-level
inputs) by applying a high TTL or CMOS signal to the E pin. In this mode all outputs are in the high-impedance
state.
erasure ( TMS27C256 )
Before programming, the TMS27C256 EPROM is erased by exposing the chip through the transparent lid
to a high intensity ultraviolet light (wavelength 2537 Å). EPROM erasure before programming is necessary to
assure that all bits are in the logic high state. Logic lows are programmed into the desired locations. A
programmed logic low can be erased only by ultraviolet light. The recommended minimum exposure dose (UV
intensity
× exposure time) is 15-W•s/cm2. A typical 12-mW/cm2, filterless UV lamp erases the device in 21
minutes. The lamp should be located about 2.5 cm above the chip during erasure. It should be noted that normal
ambient light contains the correct wavelength for erasure. Therefore, when using the TMS27C256, the window
should be covered with an opaque label.


Similar Part No. - TMS27PC256NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27PC256NL TI-TMS27PC256NL Datasheet
182Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
More results

Similar Description - TMS27PC256NL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C256-2JL TI-TMS27C256-2JL Datasheet
196Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT
TMS27C256 TI-TMS27C256 Datasheet
182Kb / 13P
[Old version datasheet]   TMS27C256 32768 BY 8-BIT UV ERASABLE TMS27PC256 32768 BY 8-BIT PROGRAMMABLE READ-ONLY MEMORIES
logo
Mitsubishi Electric Sem...
M5M5256CFP-12VLL MITSUBISHI-M5M5256CFP-12VLL Datasheet
472Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM?
M5M5256CP-85LL MITSUBISHI-M5M5256CP-85LL Datasheet
451Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM???
M5M5278DP MITSUBISHI-M5M5278DP Datasheet
335Kb / 6P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP RENESAS-M5M5256DFP Datasheet
165Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DFP-70VLL-W MITSUBISHI-M5M5256DFP-70VLL-W Datasheet
47Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
M5M5256DFP-10VLL MITSUBISHI-M5M5256DFP-10VLL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com