Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM518S-330-RC Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PM518S-330-RC
Description  Shielded SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PM518S-330-RC Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PM518S-330-RC Datasheet HTML 1Page - Bourns Electronic Solutions PM518S-330-RC Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
START
END
4.0
(.157)
12.0
(.472)
200
(7.87)
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.75)
USER DIRECTION OF FEED
6R2
6R2
6R2
6R2
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PM518S Series - Shielded SMD Power Inductors
Inductance vs. Current
REV. 05/09
QTY: 2000 PCS. PER REEL
DIMENSIONS:
MM
(INCHES)
Packaging Specifications
Electrical Schematic
101
23
5 7 102
23
5 7
DC Current (mA)
103
104
23
5 7
10-1
100
7
5
3
2
101
102
7
5
3
2
7
5
3
2
3R0
1R2
100
330
101
LCR METER
18.0 + 0
(.709 + 0)
20.5
(.807)
2.0
± 0.5
(.079
± .020)
50.0 - 0
(1.969 - 0)
178.0
(7.00)
DIA.
13.0
(.511)
DIA.
13.0
(.511)
DIA.
21.0
± 0.8
(.827
± .032)


Similar Part No. - PM518S-330-RC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PM5180NGUT TI1-PM5180NGUT Datasheet
1Mb / 39P
[Old version datasheet]   PSR Flyback Converter With 100-V, 1.5-A Integrated Power MOSFET
PM5180NGUT TI1-PM5180NGUT Datasheet
1Mb / 39P
[Old version datasheet]   70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated Power MOSFET
PM5180QNGUTQ1 TI1-PM5180QNGUTQ1 Datasheet
1Mb / 38P
[Old version datasheet]   70-VIN PSR Flyback Converter With 100-V, 1.5-A Integrated Power MOSFET
PM5180QNGUTQ1 TI1-PM5180QNGUTQ1 Datasheet
1Mb / 39P
[Old version datasheet]   70-VIN PSR Flyback DC/DC Converter With 100-V, 1.5-A Integrated MOSFET
More results

Similar Description - PM518S-330-RC

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com