Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G32GF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74AUP1G32GF
Description  Low-power 2-input OR-gate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1G32GF Datasheet(HTML) 5 Page - NXP Semiconductors

  74AUP1G32GF Datasheet HTML 1Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 2Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 3Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 4Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 5Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 6Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 7Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 8Page - NXP Semiconductors 74AUP1G32GF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
74AUP1G32
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 7 — 8 July 2013
5 of 21
NXP Semiconductors
74AUP1G32
Low-power 2-input OR-gate
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 C
VIH
HIGH-level input voltage
VCC = 0.8 V
0.70
 V
CC
--
V
VCC = 0.9 V to 1.95 V
0.65
 V
CC
--
V
VCC = 2.3 V to 2.7 V
1.6
-
-
V
VCC = 3.0 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 0.8 V
-
-
0.30
 V
CC
V
VCC = 0.9 V to 1.95 V
-
-
0.35
 V
CC
V
VCC = 2.3 V to 2.7 V
-
-
0.7
V
VCC = 3.0 V to 3.6 V
-
-
0.9
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 0.8 V to 3.6 V
VCC  0.1
-
-
V
IO = 1.1 mA; VCC = 1.1 V
0.75
 V
CC
--
V
IO = 1.7 mA; VCC = 1.4 V
1.11
-
-
V
IO = 1.9 mA; VCC = 1.65 V
1.32
-
-
V
IO = 2.3 mA; VCC = 2.3 V
2.05
-
-
V
IO = 3.1 mA; VCC = 2.3 V
1.9
-
-
V
IO = 2.7 mA; VCC = 3.0 V
2.72
-
-
V
IO = 4.0 mA; VCC = 3.0 V
2.6
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 A; VCC = 0.8 V to 3.6 V
-
-
0.1
V
IO = 1.1 mA; VCC = 1.1 V
-
-
0.3
 V
CC
V
IO = 1.7 mA; VCC = 1.4 V
-
-
0.31
V
IO = 1.9 mA; VCC = 1.65 V
-
-
0.31
V
IO = 2.3 mA; VCC = 2.3 V
-
-
0.31
V
IO = 3.1 mA; VCC = 2.3 V
-
-
0.44
V
IO = 2.7 mA; VCC = 3.0 V
-
-
0.31
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.44
V
II
input leakage current
VI = GND to 3.6 V; VCC = 0 V to 3.6 V
-
-
0.1
A
IOFF
power-off leakage current
VI or VO = 0 V to 3.6 V; VCC = 0 V
-
-
0.2
A
I
OFF
additional power-off
leakage current
VI or VO = 0 V to 3.6 V;
VCC =0Vto0.2 V
--
0.2
A
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 0.8 V to 3.6 V
--
0.5
A
I
CC
additional supply current
VI = VCC  0.6 V; IO = 0 A;
VCC =3.3 V
[1] --
40
A
CI
input capacitance
VCC = 0 V to 3.6 V; VI = GND or VCC
-1.5
-pF
CO
output capacitance
VO = GND; VCC = 0 V
-
3
-
pF


Similar Part No. - 74AUP1G32GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G32GM PHILIPS-74AUP1G32GM Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32GM NEXPERIA-74AUP1G32GM Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AUP1G32GM-Q100 NEXPERIA-74AUP1G32GM-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
74AUP1G32GN NEXPERIA-74AUP1G32GN Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AUP1G32GS NEXPERIA-74AUP1G32GS Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
More results

Similar Description - 74AUP1G32GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G32 PHILIPS-74AUP1G32 Datasheet
83Kb / 16P
   Low-power 2-input OR gate
Rev. 01-2 August 2005
logo
Nexperia B.V. All right...
74AUP1G32 NEXPERIA-74AUP1G32 Datasheet
273Kb / 18P
   Low-power 2-input OR-gate
Rev. 11 - 17 January 2022
74AXP1G32 NEXPERIA-74AXP1G32 Datasheet
797Kb / 17P
   Low-power 2-input OR gate
74AUP1G32-Q100 NEXPERIA-74AUP1G32-Q100 Datasheet
227Kb / 14P
   Low-power 2-input OR-gate
logo
NXP Semiconductors
74AUP2G32 NXP-74AUP2G32 Datasheet
100Kb / 17P
   Low-power dual 2-input OR gate
Rev. 03-8 January 2009
logo
Nexperia B.V. All right...
74AUP2G32 NEXPERIA-74AUP2G32 Datasheet
302Kb / 20P
   Low-power dual 2-input OR gate
Rev. 9 - 24 June 2022
74AXP1G86 NEXPERIA-74AXP1G86 Datasheet
835Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
logo
NXP Semiconductors
74AUP1G86 PHILIPS-74AUP1G86 Datasheet
67Kb / 17P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 02.00-16 May 2006
logo
Nexperia B.V. All right...
74AUP1G86-Q100 NEXPERIA-74AUP1G86-Q100 Datasheet
222Kb / 14P
   Low-power 2-input EXCLUSIVE-OR gate
74AUP1G86 NEXPERIA-74AUP1G86 Datasheet
274Kb / 18P
   Low-power 2-input EXCLUSIVE-OR gate
Rev. 8 - 24 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com