Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SCA022753R4870 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 1SCA022753R4870
Description  Switch-disconnectors
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1SCA022753R4870 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 1SCA022753R4870 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1SCA022753R4870 Datasheet HTML 6Page - List of Unclassifed Manufacturers 1SCA022753R4870 Datasheet HTML 7Page - List of Unclassifed Manufacturers 1SCA022753R4870 Datasheet HTML 8Page - List of Unclassifed Manufacturers 1SCA022753R4870 Datasheet HTML 9Page - List of Unclassifed Manufacturers 1SCA022753R4870 Datasheet HTML 10Page - List of Unclassifed Manufacturers 1SCA022753R4870 Datasheet HTML 11Page - List of Unclassifed Manufacturers 1SCA022753R4870 Datasheet HTML 12Page - List of Unclassifed Manufacturers 1SCA022753R4870 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
9
1SCC301001C0201
Technical data
Size
A
200
250
315
400
630
800
Switch type
OT200E_
OT250_
OT315_
OT400_
OT630_
OT800_
Rated insulation voltage and rated
operational voltage AC-20, DC-20
Pollution degree 3
V
1 000
1 000
1 000
1 000
1 000
1 000
Dielectric strength
50 Hz 1min.
kV
10
10
10
10
10
10
Rated impulse withstand voltage
kV
12
12
12
12
12
12
Rated thermal current and rated
operational current AC-20, DC-20
in ambient 40 °C 4)
In open air
A
200
250
315
400
630
800
In enclosure
A
200
250
315
400
630
800
...with minimum cable cross section
Cu
mm2
95
120
185
240
2x185
2x240
Rated operational current, AC-21A
≤ 500 V
A
200
250
315
400
630
800
690 V
A
200
250
315
400
630
800
1000 V
A
200
250
315
400
630
800
Rated operational current, AC-22A
≤ 500 V
A
200
250
315
400
630
800
690 V
A
200
250
315
400
630
800
1000 V
A
200
250
315
400
630
800
Rated operational current, AC-23A
≤ 500 V
A
200
250
315
400
630
800
690 V
A
200
250
315
400
630
800
1000 V
A
135
135
200
200
400
400
Rated operational current / poles in series, DC-21A...23A1)
24 - 110 V
A
200/2
250/2
315/12)
400/12)
630/1
800/1
220 V
A
200/2
250/2
315/22)
400/22)
630/1
800/1
440 V
A
200/3
250/3
315/3
360/3
630/2
800/2
660 V
A
200/4
230/42)
315/4
360/4
630/42)
650/42)
Rated operational current / poles in series, DC-21B
800 V
A
200/5
250/5
315/5
400/5
600/5
600/5
1000 V
A
200/6
250/6
315/6
400/6
600/6
600/6
Rated operational power, AC-233)
230 V
kW
60
75
100
132
200
250
400 V
kW
110
140
160
220
355
450
415 V
kW
110
145
180
230
355
450
500 V
kW
132
170
220
280
400
560
690 V
kW
200
250
315
400
630
800
Rated breaking capacity in
≤ 500 V
A
1 600
2 000
2 520
3 200
5 040
6 400
category AC-23
690 V
A
1 600
2 000
2 520
3 200
5 040
6 400
Rated conditional short-circuit
Ip (r.m.s.)
100 kA, 500 V
kA
40.5
40.5
61.5
61.5
90
90
current
Ip (r.m.s.) and
Max. OFA_ fuse size
gG/aM
A
315/315
315/315
500/450
500/450
800/1 000
800/1 000
corresponding max. allowed
cut-off current îc
The cut-off current îc refers to
Ip (r.m.s.)
80 kA, 690 V
kA
40.5
40.5
59
59
83.5
83.5
values listed by fuse
Max. OFA_ fuse size
gG/aM
A
355/315
355/315
500/500
500/500
800/1 000
800/1 000
manufacturers (single phase
test acc. to IEC60269).
Rated short-time withstand current
r.m.s. value Icw
≤ 1000 V
0,15s
kA
15
15
31
31
38
38
≤ 1000 V
0,25s
kA
15
15
24
24
36
36
≤ 1000 V
1s
kA
8
8
15
15
20
20
Rated short-time making capacity
Peak value Icm
≤ 1000 V
kA
30
30
65
65
80
80
Rated capacitor power
The capacitor ratings
415 V
kVAr
100
115
145
180
250
310
When no initial charge on the capacitor
are limited by
500 V
kVAr
120
135
175
215
300
375
the fuse links
690 V
kVAr
160
190
250
325
450
550
Power loss / pole
With rated current
W
4
6.5
6.5
10
25
40
Mechanical endurance
Divide by two for oper. cycles
Oper.
20 000
20 000
16 000
16 000
10 000
10 000
Weight without accessories
3-pole switch
kg
1.2
1.2
2.2
2.2
5.2
5.2
Terminal bolt size
Metric thread diameter x length
mm
M8x25
M8x25
M10x30
M10x30
M12x40
M12x40
Terminal tightening torque
Counter torque required
Nm
15-22
15-22
30-44
30-44
50-75
50-75
Operating torque
3-pole switch disconnector
Nm
7
7
16
16
27
27
Switch-disconnectors OT 200..800
Placing options of the operating mechanism
At the end of
the switch fuse
OT_03 or 04
Between the poles
OT_12 or 22
Side operated types
OT_30 or 40
OT_03 or 04


Similar Part No. - 1SCA022753R4870

ManufacturerPart #DatasheetDescription
logo
ABB
1SCA022780R0690 ABB-1SCA022780R0690 Datasheet
2Mb / 20P
   Energy efficiency Modular digital insrtuments
1SCA022780R0770 ABB-1SCA022780R0770 Datasheet
2Mb / 20P
   Energy efficiency Modular digital insrtuments
1SCA022780R0850 ABB-1SCA022780R0850 Datasheet
2Mb / 20P
   Energy efficiency Modular digital insrtuments
More results

Similar Description - 1SCA022753R4870

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1774629 PHOENIX-1774629 Datasheet
60Kb / 2P
   Test disconnectors - PTS-5,08-16 BG
11/04/2018
1713986 PHOENIX-1713986 Datasheet
57Kb / 2P
   Test disconnectors - PTS-5,08-16 BK
11/04/2018
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750_15 Datasheet
450Kb / 10P
   Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com