Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74CBTLV3253BQ Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74CBTLV3253BQ
Description  Dual 1-of-4 multiplexer/demultiplexer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74CBTLV3253BQ Datasheet(HTML) 4 Page - NXP Semiconductors

  74CBTLV3253BQ Datasheet HTML 1Page - NXP Semiconductors 74CBTLV3253BQ Datasheet HTML 2Page - NXP Semiconductors 74CBTLV3253BQ Datasheet HTML 3Page - NXP Semiconductors 74CBTLV3253BQ Datasheet HTML 4Page - NXP Semiconductors 74CBTLV3253BQ Datasheet HTML 5Page - NXP Semiconductors 74CBTLV3253BQ Datasheet HTML 6Page - NXP Semiconductors 74CBTLV3253BQ Datasheet HTML 7Page - NXP Semiconductors 74CBTLV3253BQ Datasheet HTML 8Page - NXP Semiconductors 74CBTLV3253BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74CBTLV3253
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4 — 15 December 2011
4 of 19
NXP Semiconductors
74CBTLV3253
Dual 1-of-4 multiplexer/demultiplexer
6.
Functional description
[1]
H = HIGH voltage level; L = LOW voltage level.
7.
Limiting values
[1]
The minimum input voltage rating may be exceeded if the input clamping current ratings are observed.
[2]
The switch voltage ratings may be exceeded if switch clamping current ratings are observed
[3]
For SSOP16 and TSSOP16 packages: Ptot derates linearly with 5.5 mW/K above 60 C.
For DHVQFN16 packages: Ptot derates linearly with 4.5 mW/K above 60 C.
8.
Recommended operating conditions
[1]
Applies to control signal levels.
Table 3.
Function table[1]
Inputs
Function switch
1OE
2OE
S1
S0
X
H
X
X
disconnect 2A and 2Bn
H
XXXdisconnect 1A and 1Bn
LLLL1A to 1B1 and 2A to 2B1
LLLH
1A to 1B2 and 2A to 2B2
L
L
H
L
1A to 1B3 and 2A to 2B3
L
L
H
H
1A to 1B4 and 2A to 2B4
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+4.6
V
VI
input voltage
control inputs
[1]
0.5
+4.6
V
VSW
switch voltage
enable and disable mode
[2]
0.5
VCC + 0.5
V
IIK
input clamping current
VI < 0.5 V
50
-
mA
ISK
switch clamping current
VI < 0.5 V
50
-
mA
ISW
switch current
VSW = 0 V to VCC
-
128
mA
ICC
supply current
-
+100
mA
IGND
ground current
100
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
Tamb = 40 Cto+125 C
[3] -
500
mW
Table 5.
Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
2.3
3.6
V
VI
input voltage
0
3.6
V
VSW
switch voltage
enable and disable mode
0
VCC
V
Tamb
ambient temperature
40
+125
C
t/V
input transition rise and fall rate
VCC = 2.3 V to 3.6 V
[1] 0
200
ns/V


Similar Part No. - 74CBTLV3253BQ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74CBTLV3253BQ NEXPERIA-74CBTLV3253BQ Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253BQ-Q100 NEXPERIA-74CBTLV3253BQ-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
More results

Similar Description - 74CBTLV3253BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3253 PHILIPS-74CBTLV3253_15 Datasheet
174Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253 NEXPERIA-74CBTLV3253 Datasheet
326Kb / 18P
   Dual 1-of-4 multiplexer/demultiplexer
Rev. 6 - 24 September 2020
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
   Dual 1-of-4 multiplexer/demultiplexer
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
   Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
[Old version datasheet]   DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
   Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
   Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
[Old version datasheet]   DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com