Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA0103PWPRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPA0103PWPRG4
Description  1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0103PWPRG4 Datasheet(HTML) 9 Page - Texas Instruments

  TPA0103PWPRG4 Datasheet HTML 1Page - Texas Instruments TPA0103PWPRG4 Datasheet HTML 2Page - Texas Instruments TPA0103PWPRG4 Datasheet HTML 3Page - Texas Instruments TPA0103PWPRG4 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 4 page
background image
TPA0103
1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
SLOS167A – JULY 1997 – REVISED MARCH 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
0.1
0.01
20
100
1 k
1
10
10 k
20 k
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 5 V
PO = 1 W
RL = 8 Ω
BTL
AV = –2 V/V
AV = –20 V/V
AV = –10 V/V
Figure 10
0.1
0.01
0.01
0.1
1
10
110
f = 20 kHz
f = 1 kHz
f = 20 Hz
PO – Output Power – W
VDD = 5 V
RL = 8 Ω
AV = –2 V/V
BTL
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
Figure 11
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
0.6
1
10
0.7
0.8
0.9
1
PO – Output Power – W
VDD = 3.3 V
f = 1 kHz
BTL
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
RL = 4 Ω
RL = 8 Ω
Figure 12
0.1
0.01
0
30
60
90
120 150 180
1
10
210 240 270 300
PO – Output Power – mW
VDD = 3.3 V
f = 1 kHz
SE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
RL = 4 Ω
RL = 8 Ω


Similar Part No. - TPA0103PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0103PWPR TI-TPA0103PWPR Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0103PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0103 TI-TPA0103 Datasheet
744Kb / 38P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
TPA0103 TI-TPA0103_V01 Datasheet
2Mb / 47P
[Old version datasheet]   1.75-W 3-CHANNEL STEREO AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA3011 UTC-PA3011_15 Datasheet
256Kb / 7P
   3-W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com