Electronic Components Datasheet Search |
|
AAT3220IQY-18-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies |
|
AAT3220IQY-18-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies |
3 / 16 page Absolute Maximum Ratings (T A=25°C unless otherwise noted) Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at con- ditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time. Note 1: Human body model is a 100pF capacitor discharged through a 1.5kW resistor into each pin. Thermal Information Note 2: Mounted on a demo board. Recommended Operating Conditions Symbol Description RatingUnits VIN Input Voltage (VOUT+0.34) to 5.5 V T Ambient Temperature Range -40 to +85 °C Symbol Description RatingUnits Θ JA Maximum Thermal Resistance (SOT-23-3) 2 200 °C/W Maximum Thermal Resistance (SOT-89) 2 50 °C/W PD Maximum Power Dissipation (SOT-23-3) 2 500 mW Maximum Power Dissipation (SOT-89) 2 2W Symbol Description Value Units VIN Input Voltage -0.3 to 6 V IOUT DC Output Current PD/(VIN-VO)mA TJ Operating Junction Temperature Range -40 to 150 °C TLEAD Maximum Soldering Temperature (at leads, 10 sec) 300 °C VESD ESD Rating 1 — HBM 4000 V AAT3220 150mA NanoPower™ LDO Linear Regulator 3220.2001.09.1.0 3 |
Similar Part No. - AAT3220IQY-18-T1 |
|
Similar Description - AAT3220IQY-18-T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |