Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3221IGV-33-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT3221IGV-33-T1
Description  150mA NanoPower??LDO Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3221IGV-33-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT3221IGV-33-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3221IGV-33-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3221IGV-33-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3221IGV-33-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3221IGV-33-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT3221IGV-33-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT3221IGV-33-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT3221IGV-33-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT3221IGV-33-T1 Datasheet HTML 15Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AAT3221/2
150mA NanoPower™ LDO Linear Regulator
3221.2002.03.0.94
11
TA = 25°C. Given TA = 85°, the maximum package
power dissipation is 267mW. At TA = 25°C°, the
maximum package power dissipation is 667mW.
The maximum continuous output current for the
AAT3221/2 is a function of the package power dis-
sipation and the input to output voltage drop across
the LDO regulator. Refer to the following simple
equation:
IOUT(MAX) < PD(MAX) / (VIN - VOUT)
For example, if VIN = 5V, VOUT = 2.5V and TA = 25°,
IOUT(MAX) < 267mA. The output short circuit protec-
tion threshold is set between 150mA and 300mA. If
the output load current were to exceed 267mA or if
the ambient temperature were to increase, the inter-
nal die temperature will increase. If the condition
remained constant and the short circuit protection
did not activate, there would be a potential damage
hazard to LDO regulator since the thermal protection
circuit will only activate after a short circuit event
occurs on the LDO regulator output.
To figure what the maximum input voltage would be
for a given load current refer to the following equa-
tion. This calculation accounts for the total power
dissipation of the LDO Regulator, including that
caused by ground current.
PD(MAX) = (VIN - VOUT)IOUT + (VIN x IGND)
This formula can be solved for VIN to determine
the maximum input voltage.
VIN(MAX) = (PD(MAX) + (VOUT x IOUT)) / (IOUT + IGND)
The following is an example for an AAT3221/2 set
for a 2.5 volt output:
From the discussion above, PD(MAX) was deter-
mined to equal 667mW at TA = 25°C.
VOUT = 2.5 volts
IOUT = 150mA
IGND = 1.1µA
VIN(MAX)=(667mW+(2.5Vx150mA))/(150mA +1.1µA)
VIN(MAX) = 6.95V
Thus, the AAT3221/2 can sustain a constant 2.5V
output at a 150mA load current as long as VIN is ≤
6.95V at an ambient temperature of 25°C. 5.5V is
the maximum input operating voltage for the
AAT3221/2, thus at 25°C, the device would not have
any thermal concerns or operational VIN(MAX) limits.
This situation can be different at 85°C. The follow-
ing is an example for an AAT3221/2 set for a 2.5
volt output at 85°C:
From the discussion above, PD(MAX) was deter-
mined to equal 267mW at TA = 85°C.
VOUT = 2.5 volts
IOUT = 150mA
IGND = 1.1µA
VIN(MAX)=(267mW+(2.5Vx150mA))/(150mA +1.1µA)
VIN(MAX) = 4.28V
Higher input to output voltage differentials can be
obtained with the AAT3221/2, while maintaining
device functions in the thermal safe operating area.
To accomplish this, the device thermal resistance
must be reduced by increasing the heat sink area
or by operating the LDO regulator in a duty cycled
mode.
For example, an application requires VIN = 5.0V
while VOUT = 2.5V at a 150mA load and TA = 85°C.
VIN is greater than 4.28V, which is the maximum
safe continuous input level for VOUT = 2.5V at
150mA for TA = 85°C. To maintain this high input
voltage and output current level, the LDO regulator
must be operated in a duty cycled mode. Refer to
the following calculation for duty cycle operation:
PD(MAX) is assumed to be 267mW
IGND = 1.1µA
IOUT = 150mA
VIN = 5.0 volts
VOUT = 2.5 volts
%DC = 100(PD(MAX) / ((VIN - VOUT)IOUT + (VIN x IGND))
%DC=100(267mW/((5.0V-2.5V)150mA+(5.0Vx1.1µA))
%DC = 71.2%
For a 150mA output current and a 2.5 volt drop
across the AAT3221/2 at an ambient temperature
of 85°C, the maximum on time duty cycle for the
device would be 71.2%.
The following family of curves shows the safe oper-
ating area for duty cycled operation from ambient
room temperature to the maximum operating level.


Similar Part No. - AAT3221IGV-33-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3221IGV-3.0-T1 AAT-AAT3221IGV-3.0-T1 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221IGV-3.0-T1 ANALOGICTECH-AAT3221IGV-3.0-T1 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221IGV-3.1-T1 AAT-AAT3221IGV-3.1-T1 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3221IGV-3.1-T1 ANALOGICTECH-AAT3221IGV-3.1-T1 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221IGV-3.3-2-T1 AAT-AAT3221IGV-3.3-2-T1 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
More results

Similar Description - AAT3221IGV-33-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3221 ANALOGICTECH-AAT3221_08 Datasheet
227Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3221 AAT-AAT3221 Datasheet
194Kb / 18P
   150mA NanoPower??LDO Linear Regulator
AAT3220 AAT-AAT3220 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3220 ANALOGICTECH-AAT3220 Datasheet
460Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3220 ANALOGICTECH-AAT3220_06 Datasheet
190Kb / 16P
   150mA NanoPower??LDO Linear Regulator
AAT3201 ANALOGICTECH-AAT3201_06 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analog Technol...
AAT3201 AAT-AAT3201 Datasheet
173Kb / 15P
   150mA OmniPower??LDO Linear Regulator
logo
Advanced Analogic Techn...
AAT3201 ANALOGICTECH-AAT3201 Datasheet
220Kb / 14P
   150mA OmniPower LDO Linear Regulator
AAT3242 ANALOGICTECH-AAT3242 Datasheet
512Kb / 16P
   300mA/150mA Dual CMOS LDO Linear Regulator
AAT3223 ANALOGICTECH-AAT3223 Datasheet
151Kb / 17P
   250mA NanoPower LDO Linear Regulator with Power -OK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com