Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3236IJS-27-T1 Datasheet(PDF) 4 Page - Advanced Analogic Technologies

Part # AAT3236IJS-27-T1
Description  300mA CMOS High Performance LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3236IJS-27-T1 Datasheet(HTML) 4 Page - Advanced Analogic Technologies

  AAT3236IJS-27-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3236IJS-27-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3236IJS-27-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3236IJS-27-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3236IJS-27-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3236IJS-27-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3236IJS-27-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3236IJS-27-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3236IJS-27-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Typical Characteristics
Output Voltage vs. Temperature
3.007
3.008
3.009
3.01
3.011
3.012
3.013
3.014
-50
0
50
100
150
Temperature (
°C)
Dropout Voltage vs. IOUT
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
Output Current (mA)
85 C
25 C
-40 C
Ground Current vs. Input Voltage
0
20
40
60
80
100
120
23
4
5
VIN
VOUT=3.0V
IOUT=50mA
IOUT=0
IOUT=150mA
IOUT=300mA
Ground Current vs. Temperature
80
85
90
95
100
105
-50
0
50
100
150
Temperature (
°C)
Dropout Characteristics
2.7
2.8
2.9
3.0
3.1
2.9
3.0
3.1
3.2
3.3
Vin
IOUT=0mA
IOUT=50mA
IOUT=10mA
IOUT=100mA
IOUT=150mA
IOUT=300mA
Dropout Voltage vs. Temperature
0
50
100
150
200
250
300
350
400
-40
-20
0
20
40
60
80
100
120
Temperature (
°C)
I
L=300mA
I
L=150mA
I
L=50mA
I
L=100mA
AAT3236
300mA CMOS High Performance LDO
4
3236.2001.11.0.9


Similar Part No. - AAT3236IJS-27-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3236IJS-2.5-T1 AAT-AAT3236IJS-2.5-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3236IJS-2.5-T1 ANALOGICTECH-AAT3236IJS-2.5-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236IJS-2.7-T1 AAT-AAT3236IJS-2.7-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3236IJS-2.7-T1 ANALOGICTECH-AAT3236IJS-2.7-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236IJS-2.8-T1 AAT-AAT3236IJS-2.8-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
More results

Similar Description - AAT3236IJS-27-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236 AAT-AAT3236 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com