Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4608IGV-T1 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT4608IGV-T1
Description  Current Limited Load Switch in SOT-23 Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4608IGV-T1 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT4608IGV-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4608IGV-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4608IGV-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4608IGV-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4608IGV-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4608IGV-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4608IGV-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4608IGV-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4608IGV-T1 Datasheet HTML 10Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
AAT4608
Current Limited Load Switch in SOT-23 Package
4608.2001.10.0.9
9
Ordering Information
Package Information
SOT-23-5
E
A
A1
c
b
D
e
S1
L
I
H
S
Package
Marking
Part Number
Bulk
Tape and Reel
SOT-23-5
N/A
AAT4608IGV-T1
SOT-23-5
N/A
AAT4608IGV-1-T1
Dim
Millimeters
Inches
Min
Max
Min
Max
A
0.95
1.45
0.037
0.057
A1
0.05
0.15
0.002
0.006
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.019
c
0.08
0.20
0.003
0.078
D
2.84
3.00
0.112
0.112
E1.50
1.70
0.059
0.067
e
1.90
0.0748
H
2.60
3.00
0.102
0.118
L
0.35
0.55
.0137
.0216
S
0.47
0.55
0.019
.0216
S1
.95
0.037
Θ
10°
10°


Similar Part No. - AAT4608IGV-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4608IGV-T1 AAT-AAT4608IGV-T1 Datasheet
135Kb / 8P
   Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4608IGV-T1 SKYWORKS-AAT4608IGV-T1 Datasheet
972Kb / 9P
   Current Limited Load Switch in a SOT23 Package
AAT4608IGV-T1 SKYWORKS-AAT4608IGV-T1 Datasheet
972Kb / 9P
   Current Limited Load Switch in a SOT23 Package
May 3, 2012
More results

Similar Description - AAT4608IGV-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4610 ANALOGICTECH-AAT4610 Datasheet
312Kb / 10P
   Current Limited Load Switch in SOT-23 Package
AAT4611 ANALOGICTECH-AAT4611 Datasheet
426Kb / 12P
   Current Limited Load Switch in SOT-23 Package
AAT4611 ANALOGICTECH-AAT4611_06 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
logo
Advanced Analog Technol...
AAT4611 AAT-AAT4611 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
AAT4608 AAT-AAT4608 Datasheet
135Kb / 8P
   Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608_12 Datasheet
972Kb / 9P
   Current Limited Load Switch in a SOT23 Package
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com