Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4611 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT4611
Description  Current Limited Load Switch in SOT-23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4611 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT4611 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4611 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
(Unless otherwise noted, VIN = 5V, TA = 25°C)
Current Limit v. Temperature
-6%
-4%
-2%
0%
2%
4%
6%
-50
- 25
0
25
50
75
100
Temperature (C)
R
SET= 22.1k
V
IN -VOUT=0.5V
RSET coefficent vs ILIM
5
6
7
8
9
10
0
0.5
1
1.5
2
I
LIM (A)
RSET vs ILIM
1
10
100
0.1
10
1
I
LIM (A)
AAT4611
Current Limited Load Switch in SOT-23 Package
6
4611.2001.8.0.9


Similar Part No. - AAT4611

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4611 AAT-AAT4611 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
logo
Advanced Analogic Techn...
AAT4611 ANALOGICTECH-AAT4611 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4611 SKYWORKS-AAT4611 Datasheet
1Mb / 10P
   Current Limited Load Switch in an SOT23 Package
May 7, 2012
logo
Advanced Analog Technol...
AAT4611IGV-T1 AAT-AAT4611IGV-T1 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
logo
Advanced Analogic Techn...
AAT4611IGV-T1 ANALOGICTECH-AAT4611IGV-T1 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
More results

Similar Description - AAT4611

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4610 ANALOGICTECH-AAT4610 Datasheet
312Kb / 10P
   Current Limited Load Switch in SOT-23 Package
AAT4608 ANALOGICTECH-AAT4608 Datasheet
312Kb / 10P
   Current Limited Load Switch in SOT-23 Package
AAT4611 ANALOGICTECH-AAT4611_06 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
logo
Advanced Analog Technol...
AAT4611 AAT-AAT4611 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
AAT4608 AAT-AAT4608 Datasheet
135Kb / 8P
   Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608_12 Datasheet
972Kb / 9P
   Current Limited Load Switch in a SOT23 Package
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com