Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPIC0298KV Datasheet(PDF) 3 Page - Texas Instruments

Part # TPIC0298KV
Description  DUAL FULL-H DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC0298KV Datasheet(HTML) 3 Page - Texas Instruments

  TPIC0298KV Datasheet HTML 1Page - Texas Instruments TPIC0298KV Datasheet HTML 2Page - Texas Instruments TPIC0298KV Datasheet HTML 3Page - Texas Instruments TPIC0298KV Datasheet HTML 4Page - Texas Instruments TPIC0298KV Datasheet HTML 5Page - Texas Instruments TPIC0298KV Datasheet HTML 6Page - Texas Instruments TPIC0298KV Datasheet HTML 7Page - Texas Instruments TPIC0298KV Datasheet HTML 8Page - Texas Instruments TPIC0298KV Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TPIC0298
DUAL FULLH DRIVER
SLIS006 − D2942, JUNE 1987 − REVISED JANUARY 1990
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−5
recommended operating conditions
MIN
MAX
UNIT
Logic supply voltage, VCC1
4.5
7
V
Output supply voltage, VCC2
5
46
V
− 0.5†
2
Emitter terminal (1E or 2E) voltage, VE (see Note 5)
VCC1 −3.5
V
VCC2 −4
A
2.3
VCC1
High-level input voltage, VIH (see Note 5)
A
VCC2 −2.5
V
High-level input voltage, VIH (see Note 5)
EN
2.3
7
V
EN
VCC1
Low-level input voltage at A or EN, VIL
− 0.3†
1.5
V
Output current, IO
±2
A
Communication frequency
40
kHz
Operating free-air temperature, TA
0
70
°C
† The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this data sheet for emitter terminal
voltage and logic voltage levels.
NOTE 5: For optimum device performance, the maximum recommended voltage at any A input is 2.5 V lower than VCC2, the maximum
recommended voltage at any EN input is VCC1, and the maximum recommended voltage at any emitter terminal is 3.5 V lower than
VCC1 and 4 V lower than VCC2 .
electrical characteristics over recommended ranges of VCC1, VCC2, and VE, TJ = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
Input clamp voltage
II = − 12 mA
− 0.9
− 1.5
V
VOH
High-level output voltage
IOH = − 1 A
VCC2 −1.8
VCC2 −1.2
V
VOH
High-level output voltage
IOH = − 2 A
VCC2 −2.8
VCC2 −1.8
V
VOL
Low-level output voltage
IOL = 1 A
VE + 1.2
VE + 1.8
V
VOL
Low-level output voltage
IOL = 2 A
VE + 1.7
VE + 2.6
V
Vdrop
Total source pulse sink output
IOH = − 1 A,
IOL = 1 A
See Note 6
2.4
3.4
V
Vdrop
Total source pulse sink output
voltage drop
IOH = − 2 A,
IOL = 2 A
See Note 6
3.5
5.2
V
Off-state (high-impedance state)
IOZH
Off-state (high-impedance state)
output current, high-level
VO = VCC2
500
µA
IOZH
output current, high-level
voltage applied
VO = VCC2
500
µA
Off-state (high-impedance state)
IOZL
Off-state (high-impedance state)
output current, low-level
VO = 0 V,
VE = 0 V
− 500
µA
IOZL
output current, low-level
voltage applied
VO = 0 V,
VE = 0 V
− 500
µA
A
VI = VIH
EN = H
20
100
IIH
High-level input current
A
VI = VIH
EN = L
10
µA
IIH
High-level input current
EN
VI = VIH ≤ VCC1 − 0.6 V
6
100
µA
IIL
Low-level input current
VI = 0 V to 1.5 V
−10
µA
All outputs at high level
7
12
ICC1
Logic supply current
IO = 0
All outputs at low level
20
32
mA
ICC1
Logic supply current
IO = 0
All outputs at high impedance
4
6
mA
All outputs at high level
25
50
ICC2
Output supply current
IO = 0
All outputs at low level
6
20
mA
ICC2
Output supply current
IO = 0
All outputs at high impedance
2
mA
† All typical values are at VCC1 = 5 V, VCC2 = 42 V, VE = 0 V, TJ = 25°C (unless otherwise noted).
NOTE 6: The Vdrop specification applies for IOH and IOL applied simultaneously to different output channels:
Vdrop = VCC2 − VOH + VOL − VE


Similar Part No. - TPIC0298KV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0298 TI-TPIC0298 Datasheet
113Kb / 9P
[Old version datasheet]   DUAL FULL-H DRIVER
More results

Similar Description - TPIC0298KV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0298 TI-TPIC0298 Datasheet
113Kb / 9P
[Old version datasheet]   DUAL FULL-H DRIVER
logo
Toshiba Semiconductor
TB6424FN TOSHIBA-TB6424FN Datasheet
293Kb / 10P
   DC MOTOR DUAL FULL BRIDGE DRIVER (H-SWITCH)
TB6524FN TOSHIBA-TB6524FN Datasheet
210Kb / 11P
   DC MOTOR DUAL FULL BRIDGE DRIVER (H−SWITCH)
logo
Intersil Corporation
CA3275 INTERSIL-CA3275 Datasheet
37Kb / 5P
   Dual Full Bridge Driver
April 1994
logo
STMicroelectronics
L289 STMICROELECTRONICS-L289 Datasheet
603Kb / 13P
   DUAL FULL-BRIDGE DRIVER
Jenuary 2000
L298 STMICROELECTRONICS-L298 Datasheet
185Kb / 13P
   DUAL FULL-BRIDGE DRIVER
logo
National Semiconductor ...
LM18298 NSC-LM18298 Datasheet
147Kb / 8P
   Dual Full-Bridge Driver
logo
New Japan Radio
NJM2670 NJRC-NJM2670 Datasheet
463Kb / 9P
   DUAL H BRIDGE DRIVER
logo
Texas Instruments
DRV8843 TI1-DRV8843_16 Datasheet
1Mb / 28P
[Old version datasheet]   Dual H-Bridge Driver
logo
Rohm
BD6735FV ROHM-BD6735FV_15 Datasheet
1Mb / 16P
   Dual H-Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com