Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3236IJS-285-T1 Datasheet(PDF) 7 Page - Advanced Analogic Technologies

Part # AAT3236IJS-285-T1
Description  300mA CMOS High Performance LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3236IJS-285-T1 Datasheet(HTML) 7 Page - Advanced Analogic Technologies

Back Button AAT3236IJS-285-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3236IJS-285-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3236IJS-285-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3236IJS-285-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3236IJS-285-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3236IJS-285-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3236IJS-285-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3236IJS-285-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT3236IJS-285-T1 Datasheet HTML 11Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Functional Block Diagram
Over-Current
Protection
Voltage
Reference
Over-Temp
Protection
IN
BYP
EN
GND
OUT
AAT3236
300mA CMOS High Performance LDO
3236.2001.11.0.9
7
Functional Description
The AAT3236 is intended for LDO regulator appli-
cations where output current load requirements
range from no load to 300mA. The AAT3236 is
capable of handling peak output currents up to
500mA. Refer to the Thermal Considerations dis-
cussion in the section for details on device opera-
tion at 500mA peak loads.
The advanced circuit design of the AAT3236 pro-
vides excellent input to output isolation, which
allows for good power supply ripple rejection char-
acteristics.
To optimize for very low output self
noise performance, a bypass capacitor pin has
been provided to decrease noise generated by the
internal voltage reference.
The LDO regulator output has been specifically
optimized to function with low cost, low ESR
ceramic capacitors. However, the design will allow
for operation over a wide range of capacitor types.
The device enable circuit is provided to shutdown
the LDO regulator for power conservation in portable
products. The enable circuit has an additional out-
put capacitor discharge circuit to assure sharp appli-
cation circuit turn off upon device shutdown.
This LDO regulator has complete short circuit and
thermal protection.
The integral combination of
these two internal protection circuits give the
AAT3236 a comprehensive safety system during
extreme adverse operating conditions.


Similar Part No. - AAT3236IJS-285-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3236IJS-2.5-T1 AAT-AAT3236IJS-2.5-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3236IJS-2.5-T1 ANALOGICTECH-AAT3236IJS-2.5-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236IJS-2.7-T1 AAT-AAT3236IJS-2.7-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3236IJS-2.7-T1 ANALOGICTECH-AAT3236IJS-2.7-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236IJS-2.8-T1 AAT-AAT3236IJS-2.8-T1 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
More results

Similar Description - AAT3236IJS-285-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3236 ANALOGICTECH-AAT3236_07 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3236 AAT-AAT3236 Datasheet
231Kb / 18P
   300mA CMOS High Performance LDO
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com