Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4611IGV-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT4611IGV-T1
Description  Current Limited Load Switch in SOT-23 Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4611IGV-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT4611IGV-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4611IGV-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4611IGV-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4611IGV-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4611IGV-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4611IGV-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4611IGV-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4611IGV-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4611IGV-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AAT4611
Current Limited Load Switch in SOT-23 Package
4611.2001.8.0.9
3
Absolute Maximum Ratings (T
A=25°C unless otherwise noted)
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at con-
ditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
Note 1: Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Thermal Characteristics
Electrical Characteristics (V
IN = 5V, TA = 25°C unless otherwise noted.)
Symbol
Description
Conditions
Min
Typ Max Units
VIN
Operation Voltage
2.7
5.5
V
IQ
Quiescent Current
VIN = 5V, ON (ON) = active, IOUT = 0
15
30
µA
IQ(OFF)
Off Supply Current
ON (ON) =inactive, VIN = 5.5V
1
µA
ISD(OFF)
Off Switch Current
ON (ON) = inactive, VIN = 5.5V, VOUT = 0
.03
15
µA
VUVLO
Undervoltage Lockout
Rising edge, 1% hysteresis,
2.0
2.3
2.7
V
VIN=5.0V
160
180
m
RDS(ON)
On-Resistance
VIN=4.5V
165
m
VIN=3.0V
195
230
m
ILIM
Current Limit
RSET = 6.8kΩ
.75
1
1.25
A
ILIM(MIN)
Minimum Current Limit
130
195
mA
VON(L)
ON (ON) Input Low Voltage
0.8
V
VON(H)
ON (ON) Input High Voltage
VIN=2.7V to 3.6V
2.0
V
VIN=4.5V to 5.5V
2.4
V
ION(SINK)
ON (ON) Input leakage
VON = 5.5V
0.01
1
µ A
TRESP
Current Limit Response Time
VIN=5V
0.8
µs
TOFF
Turn-Off Time
VIN=5V, RL=10Ω
0.4
2
µ s
TON
Turn-On Time
VIN=5V, RL=10Ω
40
200
µ s
Symbol
Description
Value
Units
ΘJA
Thermal Resistance (SOT23-5 or SC70JW-8)
150
°C/W
PD
Power Dissipation (SOT23-5 or SC70JW-8)
667
mW
Symbol
Description
Value
Units
VIN
IN to GND
-0.3 to 6
V
VON
ON(ON) to GND
-0.3 to VIN+0.3
V
VSET, VOUT
SET, OUT to GND
-0.3 to VIN+0.3
V
IMAX
Maximum Continuous Switch Current
2
A
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at Leads)
300
°C
VESD
ESD Rating1 - HBM
4000
V


Similar Part No. - AAT4611IGV-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4611IGV-T1 AAT-AAT4611IGV-T1 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
logo
Advanced Analogic Techn...
AAT4611IGV-T1 ANALOGICTECH-AAT4611IGV-T1 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4611IGV-T1 SKYWORKS-AAT4611IGV-T1 Datasheet
1Mb / 10P
   Current Limited Load Switch in an SOT23 Package
May 7, 2012
More results

Similar Description - AAT4611IGV-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4610 ANALOGICTECH-AAT4610 Datasheet
312Kb / 10P
   Current Limited Load Switch in SOT-23 Package
AAT4608 ANALOGICTECH-AAT4608 Datasheet
312Kb / 10P
   Current Limited Load Switch in SOT-23 Package
AAT4611 ANALOGICTECH-AAT4611_06 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
logo
Advanced Analog Technol...
AAT4611 AAT-AAT4611 Datasheet
243Kb / 10P
   Current Limited Load Switch in SOT23 Package
AAT4608 AAT-AAT4608 Datasheet
135Kb / 8P
   Current Limited Load Switch in SOT23 Package
logo
Skyworks Solutions Inc.
AAT4608 SKYWORKS-AAT4608_12 Datasheet
972Kb / 9P
   Current Limited Load Switch in a SOT23 Package
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com