Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC164BQ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74HC164BQ
Description  8-bit serial-in, parallel-out shift register
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC164BQ Datasheet(HTML) 1 Page - NXP Semiconductors

  74HC164BQ Datasheet HTML 1Page - NXP Semiconductors 74HC164BQ Datasheet HTML 2Page - NXP Semiconductors 74HC164BQ Datasheet HTML 3Page - NXP Semiconductors 74HC164BQ Datasheet HTML 4Page - NXP Semiconductors 74HC164BQ Datasheet HTML 5Page - NXP Semiconductors 74HC164BQ Datasheet HTML 6Page - NXP Semiconductors 74HC164BQ Datasheet HTML 7Page - NXP Semiconductors 74HC164BQ Datasheet HTML 8Page - NXP Semiconductors 74HC164BQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1.
General description
The 74HC164; 74HCT164 is an 8-bit serial-in/parallel-out shift register. The device
features two serial data inputs (DSA and DSB), eight parallel data outputs (Q0 to Q7).
Data is entered serially through DSA or DSB and either input can be used as an active
HIGH enable for data entry through the other input. Data is shifted on the LOW-to-HIGH
transitions of the clock (CP) input. A LOW on the master reset input (MR) clears the
register and forces all outputs LOW, independently of other inputs. Inputs include clamp
diodes. This enables the use of current limiting resistors to interface inputs to voltages in
excess of VCC.
2.
Features and benefits
Input levels:
For 74HC164: CMOS level
For 74HCT164: TTL level
Gated serial data inputs
Asynchronous master reset
Complies with JEDEC standard no. 7A
ESD protection:
HBM JESD22-A114F exceeds 2000 V
MM JESD22-A115-A exceeds 200 V.
Multiple package options
Specified from
40 C to +85 C and 40 C to +125 C.
74HC164; 74HCT164
8-bit serial-in, parallel-out shift register
Rev. 7 — 13 June 2013
Product data sheet


Similar Part No. - 74HC164BQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC164BQ NXP-74HC164BQ Datasheet
453Kb / 20P
   8-bit serial-in, parallel-out shift register
Rev. 04-2 February 2010
logo
Nexperia B.V. All right...
74HC164BQ NEXPERIA-74HC164BQ Datasheet
286Kb / 17P
   8-bit serial-in, parallel-out shift register
74HC164BQ-Q100 NEXPERIA-74HC164BQ-Q100 Datasheet
725Kb / 18P
   8-bit serial-in, parallel-out shift register
74HC164BQ-Q100 NEXPERIA-74HC164BQ-Q100 Datasheet
272Kb / 16P
   8-bit serial-in, parallel-out shift register
Rev. 2 - 11 June 2020
More results

Similar Description - 74HC164BQ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
   8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
   Parallel-in/Serial-out 8-Bit Shift Register
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
   8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
   8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
[Old version datasheet]   8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
   8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
   8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHCT164 NEXPERIA-74AHCT164 Datasheet
265Kb / 16P
   8-bit serial-in/parallel-out shift register
Rev. 4 - 11 June 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com