Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3215IJS-35-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3215IJS-35-T1
Description  150mA CMOS High Performance LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3215IJS-35-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3215IJS-35-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3215IJS-35-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3215IJS-35-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3215IJS-35-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3215IJS-35-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3215IJS-35-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3215IJS-35-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3215IJS-35-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3215IJS-35-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AAT3215
150mA CMOS High Performance LDO
3215.2002.03.0.91
3
Absolute Maximum Ratings (T
A=25°C unless otherwise noted)
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at con-
ditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
Thermal Information
Note 1: Mounted on a demo board.
Recommended Operating Conditions
Electrical Characteristics (V
IN=VOUT(NOM)+1V, IOUT=1mA, COUT=2.2µF, CIN=1µf, CBYP=10nF, TA=
-40 to 85°C unless otherwise noted. Typical values are TA=25°C)
Note 1: VDO is defined as VIN - VOUT when VOUT is 98% of nominal.
Symbol
Description
Conditions
Min Typ
Max
Units
VOUT
Output Voltage Tolerance
IOUT = 1mA to 150mA
TA=25°C
-1.5
1.5
%
TA=-40 to 85°C -2.5
2.5
%
IOUT
Output Current
VOUT > 1.2V
150
mA
VDO
Dropout Voltage
1
IOUT = 150mA
140
250
mV
ISC
Short Circuit Current
VOUT < 0.4V
600
mA
IQ
Ground Current
VIN = 5V, No load, EN = VIN
95
150
µA
ISD
Shutdown Current
VIN = 5V, EN = 0V
1
µA
∆V
OUT/VOUT*∆VIN
Line Regulation
VIN = VOUT + 1 to 5.5V
0.07
%/V
∆V
OUT(line)
Dynamic Line Regulation
VIN=VOUT+1V to VOUT+2V, IOUT=150mA,
1
mV
TR/TF =2µs
∆V
OUT(load)
Dynamic Load Regulation
IOUT = 1mA to 150mA, TR<5µs
30
mV
VEN(L)
Enable Threshold Low
0.6
V
VEN(H)
Enable Threshold High
1.5
V
IEN
Leakage Current on Enable Pin
VEN = 5V
1
µA
1 kHz
70
PSRR
Power Supply Rejection Ratio
IOUT=10mA, CBYP=10nF
10kHz
50
dB
1MHz
47
TSD
Over Temp Shutdown Threshold
150
°C
THYS
Over Temp Shutdown Hysteresis
10
°C
eN
Output Noise
Noise Power BW = 300Hz-50kHz
45
µVrms/rtHz
TC
Output Voltage Temp. Coeff.
22
ppm/°C
Symbol
Description
Rating
Units
VIN
Input Voltage
(VOUT+0.3) to 5.5
V
T
Ambient Temperature Range
-40 to +85
°C
Symbol
Description
Rating
Units
Θ
JA
Maximum Thermal Resistance
1 (SOT23-5, SC70JW-8)
190
°C/W
PD
Maximum Power Dissipation
1 (SOT23-5, SC70JW-8)
526
mW
Symbol
Description
Value
Units
VIN
Input Voltage
6
V
IOUT
DC Output Current
PD/(VIN-VO)mA
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C


Similar Part No. - AAT3215IJS-35-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3215IJS-3.0-T1 AAT-AAT3215IJS-3.0-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215IJS-3.0-T1 ANALOGICTECH-AAT3215IJS-3.0-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215IJS-3.3-T1 AAT-AAT3215IJS-3.3-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3215IJS-3.3-T1 ANALOGICTECH-AAT3215IJS-3.3-T1 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
More results

Similar Description - AAT3215IJS-35-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3210T-025 KEC-KIC3210T-025 Datasheet
431Kb / 5P
   CMOS Linear Integrated Circuit 150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
MIC5365_0909 MICREL-MIC5365_0909 Datasheet
336Kb / 15P
   High Performance Single 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com