Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4280IJS-1-T1 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT4280IJS-1-T1
Description  Slew Rate Controlled Load Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4280IJS-1-T1 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT4280IJS-1-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4280IJS-1-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4280IJS-1-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4280IJS-1-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4280IJS-1-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4280IJS-1-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4280IJS-1-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4280IJS-1-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4280IJS-1-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Descriptions
Pin Configuration
SOT23-6
(Top View)
SC70JW-8
(Top View)
Selector Guide
Slew Rate
Active
Part Number
(typ)
Pull Down
Enable
AAT4280-1
1mS
Active High
AAT4280-2
0.5µ
S
Active High
AAT4280-3
100µS
Active High
OUT
ON/OFF
GND
IN
IN
IN
IN
IN
1
2
3
4
8
7
6
5
1
2
3
OUT
ON/OFF
GND
4
5
6
IN
GND
IN
Pin #
SOT23-6
SC70JW
Symbol
Function
1
2
OUT
The pin is the P-channel MOSFET drain connection.
Bypass to ground through a 0.1uF capacitor.
2,5
4
GND
Ground connection
3
3
ON/OFF
Enable Input
4,6
1,5,6,7,8
IN
The pin is the input to the P-channel MOSFET source.
Bypass to ground through a 1.0uF capacitor.
AAT4280
Slew Rate Controlled Load Switch
2
4280.2002.2.0.92


Similar Part No. - AAT4280IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4280IJS-1-T1 AAT-AAT4280IJS-1-T1 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280IJS-1-T1 ANALOGICTECH-AAT4280IJS-1-T1 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
More results

Similar Description - AAT4280IJS-1-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
   Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
   Slew Rate Controlled Load Switch
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
   Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
   Slew Rate Controlled Load Switch
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
   Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
   Slew Rate Controlled Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com