Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ND-6510 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ND-6510
Description  Converter Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ND-6510 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ND-6510 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
9-3 www.adlinktech.com
Converter Modules
■Input
•RS-422 (4-wire, full-duplex)
•RS-485(2-wire,half-duplex)protocol
■Output
•RS-422(4-wire,full-duplex)
•RS-485(2-wire,half-duplex)protocol
■Speeds: 115.2 k, 57.6 k, 38.4 k, 19.2 k,
9600, 4800, 2400, 1200
■Auto baud rate and data format adjustment
■Isolation Voltage: 2500 VRMS
■Surge protector on communications signals
■Connector: Plug-in screw terminal block
■Replacer Request: Over 128 modules or
distance over 4000 feet
■Power Consumption: 1.104 W typical
■Protocol
•RS-422 (4-wire, full-duplex)
•RS-485 (2-wire, half-duplex) protocol
■Speeds: 115.2 k, 38.4 k, 19.2 k, 9600, 4800,
2400, 1200
■Auto baud rate and data format adjustment
■Isolation Side: RS-232 signal (TXD, RXD, GND)
■Isolation Voltage: 2500 Vrms
■Surge protector on RS-422/RS-485
communications signals
■Connector: Female DB-9 and plug-in
screw terminal block
■Power Consumption: 0.912 W typical
■Protocol (DIP switch selectable)
•RS-232 (5-wire: RXD, TXD,
RTS, CTS, GND)
•RS-422 (4-wire: TX+, TX-, RX+, RX-)
•RS-485 (2-wire: Data+, Data-)
■Speeds: 1200 to 115.2 kbps
■Isolation Voltage: 2500 VRMS
■USB 1.1 compliant
■Power Consumption: 0.795 W typical
■Protocol
•RS-232 (5-wire: RXD, TXD,
RTS, CTS, GND)
•RS-422 (4-wire: TX+, TX-, RX+, RX-)
•RS-485 (2-wire: Data+, Data-)
■Speed: 1200 to 115200 bps (RS-232 and
RS-422/RS-485 can be set to different
baud rate)
■Convert RS-422/RS-485 to RS-232 with
configurable address
■Isolation Voltage: 1000 VDC
■Surge protector on communications signals
■Connector: Female DB-9 and plug-in
screw terminal block
■Power Consumption: 1.008 W typical
Configurable Communications Controller
ND-6531
Panel Mounting Power Supply
NDP-243, NDP-243U2
■Input Voltage
•NDP243: 85 to 132 VAC or 170-264 VAC,
switchable
•NDP-243U: 90-264 VAC
■Input Frequency: 47 to 63 Hz
■Input Current: 1.4 A (max.)
■Short Protection
■Output Voltage
•NDP-243: +24 VDC ±10 %
•NDP-243U: +24 VDC 1 A, +12 VDC 1 A,
+5 VDC 3 A
■Output Current: 3 A (max.)
•Overload protection
•Dimensions: 5" (L) x 3.8" (W) x 1.6" (H)
■OperatingTemperature:0˚Cto+50˚C
RS-422/RS-485 Repeater
ND-6510
RS-232 to RS-422/RS-485 Converter
ND-6520
USB to RS-422/RS-485 Converter
ND-6530
NDP-243U2
NDP-243


Similar Part No. - ND-6510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ND-6013 ETC2-ND-6013 Datasheet
299Kb / 1P
   Analog Modules
ND-6017 ETC2-ND-6017 Datasheet
299Kb / 1P
   Analog Modules
ND-6018 ETC2-ND-6018 Datasheet
299Kb / 1P
   Analog Modules
ND-6021 ETC2-ND-6021 Datasheet
299Kb / 1P
   Analog Modules
ND-6024 ETC2-ND-6024 Datasheet
299Kb / 1P
   Analog Modules
More results

Similar Description - ND-6510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS-R12F STMICROELECTRONICS-GS-R12F Datasheet
202Kb / 12P
   2A DC/DC converter modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
logo
STMicroelectronics
GS-R24F STMICROELECTRONICS-GS-R24F Datasheet
203Kb / 12P
   2A DC/DC converter modules
logo
List of Unclassifed Man...
MES1206 ETC1-MES1206 Datasheet
243Kb / 5P
   DC-to-DC Converter Modules
logo
XFMRS Inc.
XF5006-5S2R XFMRS-XF5006-5S2R Datasheet
53Kb / 1P
   DC/DC CONVERTER ISOLATION MODULES
logo
Advantech Co., Ltd.
AIMB-RP30P-03A1E ADVANTECH-AIMB-RP30P-03A1E Datasheet
252Kb / 1P
   I/O Modules & Converter Boards
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
STMicroelectronics
GS-R12FP STMICROELECTRONICS-GS-R12FP Datasheet
447Kb / 14P
   1.9 A DC-DC converter modules
GS-R24F STMICROELECTRONICS-GS-R24F_08 Datasheet
369Kb / 13P
   2 A DC-DC converter modules
logo
Vicor Corporation
DCM VICOR-DCM Datasheet
131Kb / 2P
   Isolated, Regulated DC-DC Converter Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com