Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT4067DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT4067DB
Description  16-channel analog multiplexer/demultiplexer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT4067DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT4067DB Datasheet HTML 5Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 6Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 7Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 8Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 9Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 10Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 11Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 12Page - NXP Semiconductors 74HCT4067DB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
74HC_HCT4067
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 13 December 2011
9 of 30
NXP Semiconductors
74HC4067; 74HCT4067
16-channel analog multiplexer/demultiplexer
10. Static characteristics
[1]
At supply voltages (VCC  GND) approaching 2 V, the analog switch ON resistance becomes extremely non-linear. Therefore it is
recommended that these devices be used to transmit digital signals only, when using these supply voltages.
Table 6.
RON resistance per switch for types 74HC4067 and 74HCT4067
VI = VIH or VIL; for test circuit see Figure 8.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
For 74HC4067: VCC GND = 2.0 V, 4.5 V, 6.0 V and 9.0 V.
For 74HCT4067: VCC GND = 4.5 V.
Symbol
Parameter
Conditions
25
C
40 C to +125 C Unit
Typ
Max
Max
(85
C)
Max
(125
C)
RON(peak)
ON resistance (peak)
Vis = VCC to GND
VCC = 2.0 V; ISW = 100 A
[1]
-
---
VCC = 4.5 V; ISW = 1000 A
110
180
225
270
VCC = 6.0 V; ISW = 1000 A
95
160
200
240
VCC = 9.0 V; ISW = 1000 A
75
130
165
195
RON(rail)
ON resistance (rail)
Vis = GND or VCC
VCC = 2.0 V; ISW = 100 A
[1]
150
---
VCC = 4.5 V; ISW = 1000 A
90
160
200
240
VCC = 6.0 V; ISW = 1000 A
80
140
175
210
VCC = 9.0 V; ISW = 1000 A
70
120
150
180
R
ON
ON resistance mismatch
between channels
Vis = VCC to GND
VCC = 2.0 V
[1]
-
---
VCC = 4.5 V
9
---
VCC = 6.0 V
8
---
VCC = 9.0 V
6
---


Similar Part No. - 74HCT4067DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT4067DB NXP-74HCT4067DB Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067DB NEXPERIA-74HCT4067DB Datasheet
369Kb / 26P
   16-channel analog multiplexer/demultiplexer
More results

Similar Description - 74HCT4067DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
logo
Nexperia B.V. All right...
74HC4067-Q100 NEXPERIA-74HC4067-Q100 Datasheet
890Kb / 27P
   16-channel analog multiplexer/demultiplexer
logo
NXP Semiconductors
74HC4067 NXP-74HC4067 Datasheet
178Kb / 29P
   16-channel analog multiplexer/demultiplexer
Rev. 03-15 October 2007
logo
Nexperia B.V. All right...
74HCT4067-Q100 NEXPERIA-74HCT4067-Q100 Datasheet
351Kb / 25P
   16-channel analog multiplexer/demultiplexer
Rev. 2 - 2 June 2020
logo
NXP Semiconductors
74HC_HCT4067 PHILIPS-74HC_HCT4067_15 Datasheet
294Kb / 28P
   16-channel analog multiplexer/demultiplexer
Rev. 6-22 May 2015
logo
Nexperia B.V. All right...
HEF4067B-Q100 NEXPERIA-HEF4067B-Q100 Datasheet
786Kb / 17P
   16-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com