Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEM104TC Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SEM104TC
Description  SEM104 SERIES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SEM104TC Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SEM104TC Datasheet HTML 1Page - List of Unclassifed Manufacturers SEM104TC Datasheet HTML 2Page - List of Unclassifed Manufacturers SEM104TC Datasheet HTML 3Page - List of Unclassifed Manufacturers SEM104TC Datasheet HTML 4Page - List of Unclassifed Manufacturers SEM104TC Datasheet HTML 5Page - List of Unclassifed Manufacturers SEM104TC Datasheet HTML 6Page - List of Unclassifed Manufacturers SEM104TC Datasheet HTML 7Page - List of Unclassifed Manufacturers SEM104TC Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Page 3
Mounting holes : 2 holes 5.5 mm diameter, 33 mm centres
Centre hole sensor wire entry : 4.0 mm diameter
Page 4
Connections to the transmitter are made to the screw terminals provided on the top face. To maintain CE
compliance, input wires must be less than 3 m in length and output wiring must be screened cable, with
the screen earthed at one end only. All three input wires must have the same core diameter to maintain
equal lead resistance in each wire. A hole is provided through the centre of the transmitter to allow
sensor wires, (entering direct from the probe assembly via a base entry), to be threaded through the
transmitter body, direct to the input screw terminals. The screw terminals have been designed to allow all
connection wires to enter from either an inner or outer direction.
The transmitter is protected against reverse connection by means of a series diode, therefore incorrect
connection of the output wires will result in near zero current flow in the loop. Incorrect connection of
the sensor wires will result in the transmitter saturating at either its low or upper limits.
The diagram on the next page shows the method of connection to provide a (4 to 20) mA current loop
output. The Pt100 sensor shown would normally take the form of a probe assembly with a three wire
output. The output loop shows a 24 VDC power supply, used to provide loop excitation, the transmitter,
and a load all connected in series. The load symbol represents other equipment in the loop e.g. indicators,
controllers, loggers etc. Sometimes these instruments may come with the 24 V supply built in as standard,
this simplifies wiring and reduces cost.
Care must be taken when designing the (4 to 20) mA circuit to ensure that the total burden of the loop,
that is the total voltage requirements of all the equipment in the loop added together, does not exceed
the power supply voltage. If a number of transmitters are connected in the loop, ensure that only one
instrument is tied to ground. Grounding the loop at two points will result in shorting out part of the loop
and therefore any transmitters in that part of the loop will not operate.
Maximum load resistor, RL, is calculated as follows :
RL = (V-10)/20 x 1000
For 24 V supply :
RL = (24-10)/20 x 1000 = 700
This transmitter conforms with EC directive BS EN50081-1 and BS EN50082-1 when correctly installed in
a termination head providing at least IP20 protection and fitted with a sensor with less than 3 m of cable.
3.2 ELECTRICAL
23.0 mm
Ø 42.0 mm
ZS
+-
Figure 2
Figure 1
Pt100
Load
Zero Adjust
Span Adjust
RL
V
+
-
Figure 3
3.3 EMC


Similar Part No. - SEM104TC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEM104PT100 ETC2-SEM104PT100 Datasheet
92Kb / 2P
   LOW COST TEMPERATURE TRANSMITTER
More results

Similar Description - SEM104TC

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
   FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
   C10507-11 series C10751 series
logo
Texas Instruments
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
   Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
[Old version datasheet]   2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
   MA430 Series 400A MA430 Series 400A
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com