Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4626 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT4626
Description  USB Dual-Channel Power Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4626 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT4626 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4626 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AAT4626
USB Dual-Channel Power Switch
6
4626.2002.1.0.93
Functional Block Diagram
Over-Temp
Protection
Under-
Voltage
Lockout
Under-Voltage Lockout
Over-Temp Protection
Current Limit
Under-Voltage Lockout
Over-Temp Protection
Current Limit
Current
Limit
1.2V
Reference
EN A (EN A)
IN
OUT A
OUT B
EN B (EN B)
FLG A
FLG B
Functional Description
The AAT4626 is a dual integrated MOSFET load
switch with a fixed level current limit, over temper-
ature protection, level shifted inputs and a fault flag
for each switch. The current limit control is com-
bined with an over temperature thermal limit circuit
to provide a comprehensive system to protect the
load switch under short circuit or other adverse
operating conditions. The AAT4626 is ideally suit-
ed for control and protection of peripheral ports
such as USB, RS232 and parallel ports.
The current limit and over temperature circuits will
act independently. The device current limit is acti-
vated when the output load current exceeds a pre-
set internal threshold level. The minimum current
limit threshold characteristic is specified by ILIM(MIN).
If the load switch ambient temperature becomes
excessive or if a short circuit condition persists, the
die temperature will rise causing the over tempera-
ture protection circuit to activate.
If the current limit or over temperature protection
circuits are active for more then ten milliseconds,
the system will be informed via the FAULT Flag.
The ten millisecond fault blanking delay allows the
AAT4626 to be turned on into large capacitive
loads without activating the FAULT Flags.
The
open drain FAULT outputs can be connected
directly to system controllers driven by voltage lev-
els less than the IN pin voltage without additional
level shifting circuitry.
Each of the two load switches is turned on and off
by applying a logic level signal to the EN(A/B) pin.
The AAT4626 enable function is available in both
active high and active low logic level versions. The
AAT4626 typically consumes 20µA when operat-
ing, when off, the device draws less then 1µA. In
the off state, current is prevented from flowing
between the input and output on each respective
channel.
The EN(A/B) function has logic level
thresholds that allow the AAT4626 to be TTL com-
patible and may also be controlled by 2.5V to 5.0V
CMOS circuits.
The voltage level on either
EN(A/B) or FAULT(A/B) should not exceed the
input supply level present on the IN pin.


Similar Part No. - AAT4626

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4626 AAT-AAT4626 Datasheet
420Kb / 15P
   USB Dual-Channel Power Switch
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
logo
Advanced Analog Technol...
AAT4626IAS-1-T1 AAT-AAT4626IAS-1-T1 Datasheet
420Kb / 15P
   USB Dual-Channel Power Switch
logo
Advanced Analogic Techn...
AAT4626IAS-1-T1 ANALOGICTECH-AAT4626IAS-1-T1 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
logo
Advanced Analog Technol...
AAT4626IAS-T1 AAT-AAT4626IAS-T1 Datasheet
420Kb / 15P
   USB Dual-Channel Power Switch
More results

Similar Description - AAT4626

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
US2026A UTC-US2026A_15 Datasheet
229Kb / 11P
   DUAL-CHANNEL USB POWER SWITCH
logo
Advanced Analog Technol...
AAT4626 AAT-AAT4626 Datasheet
420Kb / 15P
   USB Dual-Channel Power Switch
logo
Advanced Analogic Techn...
AAT4626 ANALOGICTECH-AAT4626_08 Datasheet
293Kb / 15P
   USB Dual-Channel Power Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
   Dual Channel USB Power Distribution Switch
logo
Alpha & Omega Semicondu...
AOZ1341 AOSMD-AOZ1341 Datasheet
836Kb / 16P
   Dual Channel USB Switch
AOZ1342 AOSMD-AOZ1342 Datasheet
559Kb / 12P
   Dual Channel USB Switch
logo
Fitipower Integrated Te...
FP6862 FITIPOWER-FP6862 Datasheet
690Kb / 11P
   Dual-Channel USB High-Side Power Switch
logo
List of Unclassifed Man...
GM2526 ETC1-GM2526 Datasheet
340Kb / 9P
   DUAL USB POWER SWITCH
logo
Unisonic Technologies
US2075A UTC-US2075A_16 Datasheet
332Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
US2075A UTC-US2075A_09 Datasheet
246Kb / 10P
   DUAL-CHANNEL POWER DISTRIBUTION CONTROL SWITCH FOR USB
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com