Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4644IAS-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT4644IAS-T1
Description  4-Channel Current Limited Load Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4644IAS-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT4644IAS-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT4644IAS-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT4644IAS-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT4644IAS-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4644IAS-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4644IAS-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4644IAS-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4644IAS-T1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AAT4644
4-Channel Current Limited Load Switch
4644.2002.01.0.92
3
Absolute Maximum Ratings (T
A=25°C unless otherwise noted)
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at con-
ditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
Note 1: Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
Thermal Characteristics
Note 2: Mounted on a demo board.
Electrical Characteristics (V
IN = 5V, TA = -40 to 85°C unless otherwise noted. Typical values
are at TA=25°C; bold values designate full temperature range)
Symbol
Description
Conditions
Min
Typ
Max
Units
VIN
Operation Voltage
2.7
5.5
V
IQ
Quiescent Current
Vin = 5V, Iout = 0
20
40
µA
VUVLO
Undervoltage Lockout
Rising edge
1.75
V
VUVLO(hys)
Undervoltage Lockout Hysteresis
0.3
V
RDS(ON)
On-Resistance
Vin=5.0V,TA = 25°C
100
125
m
ILIM
Current Limit
Each output OUT<IN -1V
0.6
1.0
1.5
A
tRESP
Current Loop Response
Vin=5V
1
µs
TSD
Over-temperature threshold
125
°C
Symbol
Description
Value
Units
Θ
JA
Maximum Thermal Resistance
100
°C/W
PD
Maximum Power Dissipation
1.25
W
Symbol
Description
Value
Units
VIN
IN to GND
-0.3 to 6
V
VOUT
OUT to GND
-0.3 to 6
V
IOUT
Output Current
Internally Limited
A
TJ
Operating Junction Temperature Range
-40 to 85
°C
VESD
ESD Rating
1—HBM
4000
V
TLEAD
Maximum Soldering Temperature (at Leads)
300
°C


Similar Part No. - AAT4644IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4644IAS-T1 AAT-AAT4644IAS-T1 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4644IAS-T1 ANALOGICTECH-AAT4644IAS-T1 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
More results

Similar Description - AAT4644IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4644 AAT-AAT4644 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4644 ANALOGICTECH-AAT4644_06 Datasheet
253Kb / 8P
   4-Channel Current Limited Load Switch
logo
Eutech Microelectronics...
EUP3510 EUTECH-EUP3510 Datasheet
206Kb / 9P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5255 GMT-G5255 Datasheet
75Kb / 1P
   Current Limited Load Switch
G527 GMT-G527 Datasheet
110Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4618 AAT-AAT4618 Datasheet
251Kb / 11P
   Current Limited Load Switch
logo
Advanced Analogic Techn...
AAT4612 ANALOGICTECH-AAT4612 Datasheet
670Kb / 10P
   Current Limited Load Switch
AAT4618 ANALOGICTECH-AAT4618 Datasheet
225Kb / 10P
   Current Limited Load Switch
logo
Global Mixed-mode Techn...
G5254 GMT-G5254 Datasheet
73Kb / 1P
   Current Limited Load Switch
logo
Advanced Analog Technol...
AAT4610 AAT-AAT4610 Datasheet
252Kb / 10P
   Current Limited Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com