Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPX1585T-3.3 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1585T-3.3
Description  5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1585T-3.3 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1585T-3.3 Datasheet HTML 1Page - Sipex Corporation SPX1585T-3.3 Datasheet HTML 2Page - Sipex Corporation SPX1585T-3.3 Datasheet HTML 3Page - Sipex Corporation SPX1585T-3.3 Datasheet HTML 4Page - Sipex Corporation SPX1585T-3.3 Datasheet HTML 5Page - Sipex Corporation SPX1585T-3.3 Datasheet HTML 6Page - Sipex Corporation SPX1585T-3.3 Datasheet HTML 7Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Date: 04/29/04
SPX1585
APPLICATION HINTS
The SPX1585 incorporates protection against over-current
faults, reversed load insertion, over temperature operation, and
positive and negative transient voltage. However, the use of
an output capacitor is required in order to insure the stability
and the performances.
Stability
The output capacitor is part of the regulator’s frequency
compensation system. Either a 22
µF aluminum electrolytic
capacitor or a 10
µF solid tantalum capacitor between the
output terminal and ground guarantees stable operation for all
operating conditions.
However, in order to minimize overshoot and undershoot, and
therefore optimize the design, please refer to the section
‘Ripple Rejection’.
Ripple Rejection
Ripple rejection can be improved by adding a capacitor
between the ADJ pin and ground. When ADJ pin bypassing is
used, the value of the output capacitor required increases to its
maximum (220
µF for an aluminum electrolytic capacitor, or
47
µF for a solid tantalum capacitor). If the ADJ pin is not
bypass, the value of the output capacitor can be lowered to
10
µF for an electrolytic aluminum capacitor or 4.7µF for a
solid tantalum capacitor.
However the value of the ADJ-bypass capacitor should be
chosen with respect to the following equation:
C = 1 / ( 6.28 * FR * R1 )
Where C
= value of the capacitor in Farads (select an
equal or larger standard value),
FR
= ripple frequency in Hz,
R1
= value of resistor R1 in Ohms.
If an ADJ-bypass capacitor is use, the amplitude of the output
ripple will be independent of the output voltage. If an ADJ-
bypass capacitor is not used, the output ripple will be
proportional to the ratio of the output voltage to the reference
voltage:
M = VOUT / VREF
Where M
= multiplier for the ripple seen when the ADJ pin
is optimally bypassed.
VREF = Reference Voltage
Reducing parasitic resistance and inductance
One solution to minimize parasitic resistance and inductance is
to connect in parallel capacitors.
This arrangement will
improve the transient response of the power supply if your
system requires rapidly changing current load condition.
Thermal Consideration
Although the SPX1585 offers some limiting circuitry for
overload conditions, it is necessary not to exceed the
maximum junction temperature, and therefore to be careful
about thermal resistance. The heat flow will follow the lowest
resistance path, which is the Junction-to-case thermal
resistance. In order to insure the best thermal flow of the
component, a proper mounting is required. Note that the case
of the device is electrically connected to the output. In case
the case has to be electrically isolated, a thermally conductive
spacer can be used. However do not forget to consider its
contribution to thermal resistance.
Assuming:
VIN = 10V, VOUT = 5V, IOUT = 1.5A, TA = 50
°C/W,
θHeatsink Case= 6°C/W, θHeatsink Case = 0.5°C/W, θ JC = 3°C/W
Power dissipation under this condition
PD = (VIN – VOUT) * IOUT = 7.5W
Junction Temperature
TJ = TA + PD * (
θCase – HS + θ HS θ JC)
For the Control Section
TJ = 50 + 7.5*(0.5 + 6=3) = 121.25
°C
121.25
°C < TJ (max) for the Control & Power Sections.
In both case reliable operation is insured by adequate junction
temperature.


Similar Part No. - SPX1585T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1585T-3.3 SIPEX-SPX1585T-3.3 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585T-3.3 SIPEX-SPX1585T-3.3 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results

Similar Description - SPX1585T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Exar Corporation
SPX1585AT-L EXAR-SPX1585AT-L Datasheet
344Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Sipex Corporation
SPX1585 SIPEX-SPX1585 Datasheet
207Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1084 SIPEX-SPX1084 Datasheet
165Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29500 SIPEX-SPX29500 Datasheet
515Kb / 11P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com