Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV21 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BAV21
Description  General purpose diodes
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV21 Datasheet(HTML) 4 Page - NXP Semiconductors

  BAV21 Datasheet HTML 1Page - NXP Semiconductors BAV21 Datasheet HTML 2Page - NXP Semiconductors BAV21 Datasheet HTML 3Page - NXP Semiconductors BAV21 Datasheet HTML 4Page - NXP Semiconductors BAV21 Datasheet HTML 5Page - NXP Semiconductors BAV21 Datasheet HTML 6Page - NXP Semiconductors BAV21 Datasheet HTML 7Page - NXP Semiconductors BAV21 Datasheet HTML 8Page - NXP Semiconductors BAV21 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1999 May 25
4
NXP Semiconductors
Product data sheet
General purpose diodes
BAV20; BAV21
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed circuit-board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 100 mA
1.0
V
IF = 200 mA
1.25
V
IR
reverse current
see Fig.5
VR = VRmax
100
nA
VR = VRmax; Tj = 150 °C
100
μA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
5
pF
trr
reverse recovery time
when switched from IF = 30 mA to
IR = 30 mA; RL = 100 Ω; measured
at IR = 3 mA; see Fig.8
50
ns
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
lead length 10 mm
240
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm; note 1
375
K/W


Similar Part No. - BAV21

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BAV21 DIOTEC-BAV21 Datasheet
129Kb / 2P
   Superfast Recovery Rectifier Diodes
logo
NXP Semiconductors
BAV21 PHILIPS-BAV21 Datasheet
54Kb / 12P
   General purpose diodes
1999 May 25
logo
GOOD-ARK Electronics
BAV21 GOOD-ARK-BAV21 Datasheet
149Kb / 3P
   Small-Signal Diode
logo
New Jersey Semi-Conduct...
BAV21 NJSEMI-BAV21 Datasheet
133Kb / 1P
   D0-35
logo
Rectron Semiconductor
BAV21 RECTRON-BAV21 Datasheet
109Kb / 5P
   SMALL SIGNAL SWITCHING DIODE
More results

Similar Description - BAV21

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
New Jersey Semi-Conduct...
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
   General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
   General Purpose Diodes
logo
NXP Semiconductors
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
   General purpose diodes
2003 Mar 20
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
   GENERAL PURPOSE DIODES
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
   General purpose diodes
1996 Sep 17
logo
New Jersey Semi-Conduct...
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
   General Purpose Diodes
1S940 NJSEMI-1S940 Datasheet
351Kb / 1P
   General Purpose Diodes
1S131 NJSEMI-1S131 Datasheet
351Kb / 1P
   GENERAL PURPOSE DIODES
1S922 NJSEMI-1S922 Datasheet
351Kb / 1P
   General Purpose Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com