Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS16VV Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BAS16VV
Description  High-speed switching diodes
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS16VV Datasheet(HTML) 5 Page - NXP Semiconductors

  BAS16VV Datasheet HTML 1Page - NXP Semiconductors BAS16VV Datasheet HTML 2Page - NXP Semiconductors BAS16VV Datasheet HTML 3Page - NXP Semiconductors BAS16VV Datasheet HTML 4Page - NXP Semiconductors BAS16VV Datasheet HTML 5Page - NXP Semiconductors BAS16VV Datasheet HTML 6Page - NXP Semiconductors BAS16VV Datasheet HTML 7Page - NXP Semiconductors BAS16VV Datasheet HTML 8Page - NXP Semiconductors BAS16VV Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
BAS16_SER_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 25 August 2008
5 of 20
NXP Semiconductors
BAS16 series
High-speed switching diodes
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB with 60
µm copper strip line.
[3]
Single diode loaded.
[4]
Tj =25 °C prior to surge.
[5]
Reflow soldering is the only recommended soldering method.
[6]
Soldering point of cathode tab.
[7]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[8]
Soldering points at pins 4, 5 and 6.
6.
Thermal characteristics
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
BAS16
[1] -
-
500
K/W
BAS16H
[2][3] -
-
330
K/W
[3][4] -
-
150
K/W
BAS16J
[3][4] -
-
230
K/W
BAS16L
[2][3] -
-
500
K/W
BAS16VV
[2][3]
[5]
-
-
700
K/W
[3][4]
[5]
-
-
410
K/W
BAS16W
[1] -
-
625
K/W
Rth(j-t)
thermal resistance from
junction to tie-point
BAS16
-
-
330
K/W
BAS16W
-
-
300
K/W


Similar Part No. - BAS16VV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS16VV PHILIPS-BAS16VV Datasheet
67Kb / 12P
   Triple high-speed switching diodes
Rev. 02-10 September 2004
BAS16VV NXP-BAS16VV Datasheet
81Kb / 12P
   Triple high-speed switching diodes
Rev. 03 - 20 April 2007
BAS16VV NXP-BAS16VV Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
BAS16VV NXP-BAS16VV Datasheet
150Kb / 20P
   High-speed switching diodes
Rev. 05-25 August 2008
BAS16VV NXP-BAS16VV Datasheet
150Kb / 20P
   High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD) plastic packages
Rev. 05-25 August 2008
More results

Similar Description - BAS16VV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com