Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT4650IAS-T1 Datasheet(PDF) 11 Page - Advanced Analogic Technologies

Part # AAT4650IAS-T1
Description  5V/3V PC Card Power Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT4650IAS-T1 Datasheet(HTML) 11 Page - Advanced Analogic Technologies

Back Button AAT4650IAS-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT4650IAS-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT4650IAS-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT4650IAS-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT4650IAS-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT4650IAS-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT4650IAS-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT4650IAS-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT4650IAS-T1 Datasheet HTML 12Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Ordering Information
Package Information
SOP-8
E
b
e
H
D
A1
A
A2
7(4x)
c
L
y
Q
Package
Marking
Part Number
Bulk
Tape and Reel
SO-8
AAT4650IAS-B1
AAT4650IAS-T1
TSSOP-8
AAT4650IHS-B1
AAT4650IHS-T1
AAT4650
5V/3V PC Card Power Switch
4650.2001.10.0.93
11
Dim
Millimeters
Inches
Min
Max
Min
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.45
0.057
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H
5.80
6.20
0.228
0.244
L
0.40
1.27
0.016
0.050
Y
0.00
0.10
0.000
0.004
θ10°
Note:
1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
2. TOLERANCE 0.1000mm (4mil) UNLESS
OTHERWISE SPECIFIED
3. COPLANARITY: 0.1000mm
4. DIMENSION L IS MEASURED IN GAGE PLANE.
5. CONTROLLING DIMENSION IS MILLIMETER;
CONVERTED INCH DIMENSIONS ARE NOT
NECESSARILY EXACT.


Similar Part No. - AAT4650IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4650IAS-T1 AAT-AAT4650IAS-T1 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Advanced Analogic Techn...
AAT4650IAS-T1 ANALOGICTECH-AAT4650IAS-T1 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Skyworks Solutions Inc.
AAT4650IAS-T1 SKYWORKS-AAT4650IAS-T1 Datasheet
987Kb / 12P
   5V/3V PC Card Power Switch
April 26, 2012
More results

Similar Description - AAT4650IAS-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4650 ANALOGICTECH-AAT4650_06 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Advanced Analog Technol...
AAT4650 AAT-AAT4650 Datasheet
333Kb / 14P
   5V/3V PC Card Power Switch
logo
Advanced Analogic Techn...
AAT4651 ANALOGICTECH-AAT4651 Datasheet
335Kb / 14P
   5V/3V PC Card Power Switch
logo
RF Micro Devices
RF5163 RFMD-RF5163 Datasheet
510Kb / 12P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
RF5163 RFMD-RF5163_1 Datasheet
618Kb / 14P
   3V-5V, 2.5GHZ LINEAR POWER AMPLIFIER
logo
Linear Technology
LTC1986 LINER-LTC1986_15 Datasheet
162Kb / 8P
   3V/5V SIM Power Supply in ThinSOT
LTC1986 LINER-LTC1986 Datasheet
141Kb / 8P
   3V/5V SIM Power Supply in SOT-23
logo
Dallas Semiconductor
DS17285 DALLAS-DS17285 Datasheet
411Kb / 38P
   3V/5V Real-Time Clock
DS17485 DALLAS-DS17485 Datasheet
427Kb / 38P
   3V/5V Real-Time Clock
logo
Maxim Integrated Produc...
DS1685 MAXIM-DS1685 Datasheet
420Kb / 33P
   3V/5V Real-Time Clocks
REV: 032604
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com