Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAW56 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # BAW56
Description  High-speed switching diodes
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAW56 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button BAW56 Datasheet HTML 7Page - NXP Semiconductors BAW56 Datasheet HTML 8Page - NXP Semiconductors BAW56 Datasheet HTML 9Page - NXP Semiconductors BAW56 Datasheet HTML 10Page - NXP Semiconductors BAW56 Datasheet HTML 11Page - NXP Semiconductors BAW56 Datasheet HTML 12Page - NXP Semiconductors BAW56 Datasheet HTML 13Page - NXP Semiconductors BAW56 Datasheet HTML 14Page - NXP Semiconductors BAW56 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
BAV756S_BAW56_SER_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 26 November 2007
11 of 15
NXP Semiconductors
BAV756S; BAW56 series
High-speed switching diodes
Fig 15. Reflow soldering footprint BAV756S and BAW56S (SOT363/SC-88)
Fig 16. Wave soldering footprint BAV756S and BAW56S (SOT363/SC-88)
sot363
1.20
2.40
0.50
(4
×)
0.40
(2
×) 0.90 2.10
0.50
(4
×)
0.60
(2
×)
2.35
2.65
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
solder lands
solder resist
occupied area
1.15
3.75
transport direction during soldering
1.00
0.30
4.00
4.50
5.25
sot363
Dimensions in mm


Similar Part No. - BAW56

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAW56 PANJIT-BAW56 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Zibo Seno Electronic En...
BAW56 ZSELEC-BAW56 Datasheet
75Kb / 2P
   225mW SMD Switching Diode
logo
Diotech Company.
BAW56 DIOTECH-BAW56 Datasheet
977Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Micro Commercial Compon...
BAW56 MCC-BAW56 Datasheet
79Kb / 2P
   350mW 75Volt Dual Switching Diode
logo
Shanghai Leiditech Elec...
BAW56 LEIDITECH-BAW56 Datasheet
396Kb / 3P
   Low forward voltage
More results

Similar Description - BAW56

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
   High-speed switching diodes
Rev. 6-18 March 2015
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com