Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4234 Datasheet(PDF) 2 Page - API Technologies Corp

Part # 4234
Description  POWER DIVIDERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

4234 Datasheet(HTML) 2 Page - API Technologies Corp

  4234 Datasheet HTML 1Page - API Technologies Corp 4234 Datasheet HTML 2Page - API Technologies Corp 4234 Datasheet HTML 3Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PRODUCT
POWER DIVIDERS
SPECIFICATION
FOUR-WAY, 1 TO 18 GHz
Spectrum Microwave
8 Executive Drive
Hudson, NH 03051
Phone: 603-459-1600
Fax: 603.459.1605
www.SpectrumMicrowave.com
Model
A”
B”
C”
D”
E”
F”
G”
H”
I”
J”
4124
1.65
.38
.45
.85
1.35
1.75
2.20
1.10
.38
.19
4134
1.65
.38
.45
.85
1.35
1.75
2.20
1.10
.38
.19
4144
1.06
.38
.30
.70
1.20
1.60
1.90
.95
.38
.19
4214
1.96
.39
.50
1.50
2.50
3.50
4.00
2.00
.50
.20
4234A
1.45
.38
.31
.71
1.21
1.61
1.92
.96
.38
.19
Model
A (cm)
B (cm)
C (cm)
D (cm)
E (cm)
F (cm)
G (cm)
H (cm)
I (cm)
J (cm)
4124
4,19
0,97
1,14
2,16
3,43
4,45
5,59
2,79
0,97
0,48
4134
4,19
0,97
1,14
2,16
3,43
4,45
5,59
2,79
0,97
0,48
4144
2,69
0,97
0,76
1,78
3,05
4,06
4,83
2,41
0,97
0,48
4214
4,98
0,99
1,27
3,81
6,35
8,89
10,16
5,08
1,27
0,51
4234A
3,68
0,97
0,79
1,80
3,07
4,09
4,88
2,44
0,97
0,48
OUTLINE DRAWINGS
MODEL 4214A


Similar Part No. - 4234

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
4234 APITECH-4234 Datasheet
195Kb / 3P
   POWER DIVIDERS
4234 APITECH-4234 Datasheet
195Kb / 3P
   POWER DIVIDERS
logo
Heyco.
4234 HEYCO-4234 Datasheet
104Kb / 1P
   Shorty Cable Holders
logo
Filtronic Compound Semi...
4234A FILTRONIC-4234A Datasheet
369Kb / 3P
   POWER DIVIDERS FOUR-WAY, 1 TO 18 GHZ
logo
API Technologies Corp
4234A APITECH-4234A Datasheet
195Kb / 3P
   POWER DIVIDERS
More results

Similar Description - 4234

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
40266 ANAREN-40266_14 Datasheet
211Kb / 4P
   Power Dividers
40255 ANAREN-40255 Datasheet
597Kb / 3P
   Power Dividers
40256 ANAREN-40256 Datasheet
625Kb / 3P
   Power Dividers
40260 ANAREN-40260 Datasheet
202Kb / 3P
   Power Dividers
40263 ANAREN-40263 Datasheet
207Kb / 3P
   Power Dividers
40269 ANAREN-40269 Datasheet
524Kb / 3P
   Power Dividers
41620 ANAREN-41620 Datasheet
195Kb / 3P
   Power Dividers
41690 ANAREN-41690 Datasheet
150Kb / 3P
   Power Dividers
logo
API Technologies Corp
4142 APITECH-4142 Datasheet
175Kb / 2P
   POWER DIVIDERS
logo
Anaren Microwave
4J0267 ANAREN-4J0267 Datasheet
164Kb / 2P
   Power Dividers
40287 ANAREN-40287_14 Datasheet
264Kb / 4P
   Power Dividers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com