Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T93YA224KT20 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # T93YA224KT20
Description  3/8" Square Multi-Turn Cermet Trimmer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T93YA224KT20 Datasheet(HTML) 1 Page - Vishay Siliconix

  T93YA224KT20 Datasheet HTML 1Page - Vishay Siliconix T93YA224KT20 Datasheet HTML 2Page - Vishay Siliconix T93YA224KT20 Datasheet HTML 3Page - Vishay Siliconix T93YA224KT20 Datasheet HTML 4Page - Vishay Siliconix T93YA224KT20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
T93
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
1
Document Number: 51026
For technical questions, contact: sferpottrimmers@vishay.com, see also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
3/8" Square Multi-Turn Cermet Trimmer
The T93 is a small size trimmer - 3/8" x 3/8" x 3/16" -
answering PC board mounting requirements.
Five versions are available which differ by the position of the
control screw in relation to the PC board plane and by the
spacing of the terminals.
Excellent operational stability is provided by the use of a
cermet element.
FEATURES
• Industrial grade
• 0.5 W at 70 °C
• Tests according to CECC 41000 or IEC 60393-1
• Contact resistance variation < 1 %
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
(1) To be measured at base level
DIMENSIONS in millimeters (± 0.5 mm)
2.3 ± 0.2 (1)
2.54
2.54
Slot 0.6 x 0.6
9.8 max. 5 ± 1
ø 0.5
a
b
c
1.3
ø 2.2
7.9 ± 0.2
0.5
T93XA
9.7 max
5 max
1.2 ± 0.2
Terminal Spacing on
a 2.54 PCB
a
b
c
0.6 ± 0.2 (1)
2.54 (1)
2.54 (1)
Slot 0.6 x 0.6
2.54
9.8 max
5 ± 1
ø 0.5
a
b
c
1.3
ø 2.2
7.9 ± 0.2
0.5
9.7 max
5 max
1.2 ± 0.2
a
b
c
T93XB
2.3 ± 0.2 (1)
2.54 (1)
2.54 (1)
9.8 max
5 ± 1
ø 0.5
a
b
c
slot 0.6 x 0.6
ø 2.2
1.3
0.5
9.7 max
5 max
1.2 ± 0.1
1.6 ± 0.1
a
b
c
T93YA
0.6 ± 0.2 (1)
2.54 (1)
2.54 (1)
2.54
9.8 max
5 ± 1
a
slot 0.6 x 0.6
ø 2.2
1.3
ø 0.5
b
c
0.5
9.7 max
5 max
1.2 ± 0.1
1.6 ± 0.1
a
b
c
T93YB
4.8 ± 0.2 (1)
Slot 0.6 x 0.6
2.54 (1)
2.54 (1)
2.54 (1)
9.7 max.
1.3
ø 2.2
c
b
a
T93Z
5.2 max
5 ± 1
ø 0.5
0.5
Base level
1.2 ± 0.1
1.3 ± 0.1
9.7 max
c
b
a


Similar Part No. - T93YA224KT20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
T93YA224KT20 VISHAY-T93YA224KT20 Datasheet
96Kb / 5P
   Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93YA224KT20 VISHAY-T93YA224KT20 Datasheet
96Kb / 5P
   3/8 Square Multi-Turn Cermet Trimmer
Revision: 05-Aug-13
T93YA224KT20 VISHAY-T93YA224KT20 Datasheet
110Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
Revision: 26-Jan-18
T93YA224KT20 VISHAY-T93YA224KT20 Datasheet
90Kb / 5P
   3/8" Square Multi-Turn Cermet Trimmer
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com