Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3522IGY-463-200-T1 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part # AAT3522IGY-463-200-T1
Description  MicroPower Microprocessor Reset Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3522IGY-463-200-T1 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

  AAT3522IGY-463-200-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3522IGY-463-200-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3522IGY-463-200-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3522IGY-463-200-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3522IGY-463-200-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3522IGY-463-200-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3522IGY-463-200-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3522IGY-463-200-T1 Datasheet HTML 8Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Package Information
SOT23-3
E
S1
D
S
e
H
L
C
b
A1
A2
A
Θ1
AAT3520/2/4
MicroPower Microprocessor Reset Circuit
8
3520.2002.2.0.9
Advanced Analogic Technologies, Inc.
1250 Oakmead Parkway, Suite 310, Sunnyvale, CA 94086
Phone (408) 524-9684
Fax (408) 524-9689
Dim
Millimeters
Inches
Min
Max
Min
Max
A
.887
1.02
0.034
.040
A1
.013
0.10
0.0005
.004
A2
-
-
-
-
b
0.37
0.51
0.015
0.020
C
0.085
0.180
0.003
0.007
D
2.80
3.04
0.110
0.120
E
1.20
1.40
0.047
0.055
e
1.78
2.05
0.070
0.080
H
2.10
2.64
0.083
0.104
L
-
0.69
-
0.027
S
0.45
0.60
0.018
0.024
S1
0.89
1.03
0.035
0.040
θ1
Note:
1. PACKAGE BODY SIZE EXCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
2. TOLERANCE ±0.1000 mm (4mi) UNLESS OTHER-
WISE SPECIFIED
3. COPLANARITY: 0.1000
4. DIMENSION L IS MEASURED IN GAGE PLANE


Similar Part No. - AAT3522IGY-463-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3522IGY-4.38-200-T1 AAT-AAT3522IGY-4.38-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3522IGY-4.38-200-T1 ANALOGICTECH-AAT3522IGY-4.38-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3522IGY-4.63-200-T1 AAT-AAT3522IGY-4.63-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3522IGY-4.63-200-T1 ANALOGICTECH-AAT3522IGY-4.63-200-T1 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
More results

Similar Description - AAT3522IGY-463-200-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532 Datasheet
230Kb / 8P
   MicroPower??Microprocessor Reset Circuit
AAT3520 ANALOGICTECH-AAT3520_06 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001 Datasheet
142Kb / 15P
   MicroPower Microprocessor Reset Circuit
APR3011 ANPEC-APR3011 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3532 AAT-AAT3532 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3011 ANPEC-APR3011_09 Datasheet
277Kb / 16P
   MicroPower Microprocessor Reset Circuit
APR3021 ANPEC-APR3021 Datasheet
141Kb / 15P
   MicroPower Microprocessor Reset Circuit
logo
Advanced Analogic Techn...
AAT3532 ANALOGICTECH-AAT3532_05 Datasheet
103Kb / 8P
   MicroPower??Microprocessor Reset Circuit
logo
Advanced Analog Technol...
AAT3520 AAT-AAT3520 Datasheet
99Kb / 9P
   MicroPower??Microprocessor Reset Circuit
logo
Anpec Electronics Corop...
APR3001 ANPEC-APR3001_08 Datasheet
217Kb / 16P
   MicroPower Microprocessor Reset Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com