Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT9125 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT9125
Description  30V N-Channel Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT9125 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT9125 Datasheet HTML 1Page - Advanced Analogic Technologies AAT9125 Datasheet HTML 2Page - Advanced Analogic Technologies AAT9125 Datasheet HTML 3Page - Advanced Analogic Technologies AAT9125 Datasheet HTML 4Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (T
J=25°C unless otherwise noted)
Note 2: Pulse test: Pulse Width = 300µs
Note 3: Guaranteed by design. Not subjected to production testing.
Symbol
Description
Conditions
Min
Typ
Max
Units
DC Characteristics
BVDSS
Drain-Source Breakdown Voltage VGS=0V, ID=250µA
30
V
RDS(ON)
Drain-Source ON-Resistance
2
VGS=10V, ID=12A
7.5
9
m
VGS=4.5V, ID=10A
11.5
14
ID(ON)
On-State Drain Current
2
VGS=10V ,VDS=5V (Pulsed)
52
A
VGS(th)
Gate Threshold Voltage
VGS=VDS, ID=250µA
1.0
V
IGSS
Gate-Body Leakage Current
VGS=±20V, VDS=0V
±100
nA
IDSS
Drain Source Leakage Current
VGS=0V,VDS=30V
1
µA
VGS=0V,VDS=30V, TJ=55°C
5
gfs
Forward Transconductance
2
VDS=15V, ID=12.5A
30
S
Dynamic Characteristics
3
QG
Total Gate Charge
VDS=15V, ID=12.5A, VGS=5V
31
50
nC
QGT
Total Gate Charge
VDS=15V, ID=12.5A, VGS=10V
60
100
nC
QGS
Gate-Source Charge
VDS=15V, ID=12.5A, VGS=10V
10
nC
QGD
Gate-Drain Charge
VDS=15V, ID=12.5A, VGS=10V
9
nC
tD(ON)
Turn-ON Delay
VDD=15V, VGS=10V, RD=1.2Ω, RG=6Ω
20
35
ns
tR
Turn-ON Rise Time
VDD=15V, VGS=10V, RD=1.2Ω, RG=6Ω
14
30
ns
tD(OFF)
Turn-OFF Delay
VDD=15V, VGS=10V, RD=1.2Ω, RG=6Ω
100
160
ns
tF
Turn-OFF Fall Time
VDD=15V, VGS=10V, RD=1.2Ω, RG=6Ω
38
80
ns
Source-Drain Diode Characteristics
VSD
Source-Drain Forward Voltage
2
VGS=0, IS=2.25A
1.1
V
IS
Continuous Diode Current
TA=25ºC
2.25
A
AAT9125
30V N-Channel Power MOSFET
2
9125.2001.12.0.9


Similar Part No. - AAT9125

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT9121 ANALOGICTECH-AAT9121 Datasheet
252Kb / 4P
   30V N-Channel Power MOSFET
AAT9121IAS-B1 ANALOGICTECH-AAT9121IAS-B1 Datasheet
252Kb / 4P
   30V N-Channel Power MOSFET
AAT9121IAS-T1 ANALOGICTECH-AAT9121IAS-T1 Datasheet
252Kb / 4P
   30V N-Channel Power MOSFET
AAT9123 ANALOGICTECH-AAT9123 Datasheet
268Kb / 4P
   30V N-Channel Power MOSFET
AAT9123IAS-B1 ANALOGICTECH-AAT9123IAS-B1 Datasheet
268Kb / 4P
   30V N-Channel Power MOSFET
More results

Similar Description - AAT9125

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT9060 ANALOGICTECH-AAT9060 Datasheet
141Kb / 6P
   30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM042N03CS TSC-TSM042N03CS Datasheet
275Kb / 5P
   30V N-Channel Power MOSFET
TSM60N03 TSC-TSM60N03_15 Datasheet
303Kb / 4P
   30V N-Channel Power MOSFET
TSM15N03PQ33 TSC-TSM15N03PQ33 Datasheet
107Kb / 4P
   30V N-Channel Power MOSFET
logo
Advanced Analogic Techn...
AAT9460 ANALOGICTECH-AAT9460 Datasheet
145Kb / 6P
   30V N-Channel Power MOSFET
AHK6030LX ANALOGICTECH-AHK6030LX Datasheet
244Kb / 4P
   30V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM040N03CP TSC-TSM040N03CP Datasheet
370Kb / 5P
   30V N-Channel Power MOSFET
TSM180N03CS TSC-TSM180N03CS Datasheet
325Kb / 5P
   30V N-Channel Power MOSFET
TSM180N03PQ33 TSC-TSM180N03PQ33 Datasheet
466Kb / 5P
   30V N-Channel Power MOSFET
TSM240N03CX TSC-TSM240N03CX Datasheet
416Kb / 5P
   30V N-Channel Power MOSFET
TSM500N03 TSC-TSM500N03 Datasheet
388Kb / 5P
   30V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com