Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD1P040MA1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # HD1P040MA1
Description  Board-to-Cable Connector for High-speed Transmission HD Series Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HD1P040MA1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  HD1P040MA1 Datasheet HTML 1Page - List of Unclassifed Manufacturers HD1P040MA1 Datasheet HTML 2Page - List of Unclassifed Manufacturers HD1P040MA1 Datasheet HTML 3Page - List of Unclassifed Manufacturers HD1P040MA1 Datasheet HTML 4Page - List of Unclassifed Manufacturers HD1P040MA1 Datasheet HTML 5Page - List of Unclassifed Manufacturers HD1P040MA1 Datasheet HTML 6Page - List of Unclassifed Manufacturers HD1P040MA1 Datasheet HTML 7Page - List of Unclassifed Manufacturers HD1P040MA1 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MB-0247-1
7/8
JAE PMK Div. Proprietary. Copyright © 2012,Japan Aviation Electronics Industry, Ltd.
Series
SH: Shell
HD1 P 040 -C SH 2 - 10000
No. of Contacts: 40 pos.
Cover Shell (SJ111533)
Unit: mm
C: Plug
2: Modification code
P: Plug type
Packaging: 10000 pcs.
DETAIL A
DETAIL B
Ordering Information


Similar Part No. - HD1P040MA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
More results

Similar Description - HD1P040MA1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HD1P040MA1R6000 ETC2-HD1P040MA1R6000 Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission HD Series Connector
logo
Japan Aviation Electron...
HD JAE-HD Datasheet
691Kb / 8P
   Board-to-Cable Connector for High-speed Transmission
FI-NX JAE-FI-NX Datasheet
1Mb / 10P
   Board-to-Cable Connector for High-Speed Differential Transmission
FI-M JAE-FI-M Datasheet
447Kb / 7P
   Board to Cable Connector for High speed Differential Transmission
FI-X30HL-B JAE-FI-X30HL-B Datasheet
255Kb / 5P
   Board-to-Cable Connector for High Speed Differential Transmission
FI-D JAE-FI-D Datasheet
735Kb / 4P
   Board to Cable Connector Compatible to High Speed Differential Transmission
HJ1 JAE-HJ1 Datasheet
633Kb / 9P
   High-speed Differential Transmission Compatible Board-to-Cable Connector
FI-G JAE-FI-G Datasheet
279Kb / 7P
   Board to Cable Connector Compatible to High-Speed Differential Transmission
TX24A JAE-TX24A Datasheet
581Kb / 4P
   1.27mm Pitch High-speed Transmission Board-to-Board Connector
logo
List of Unclassifed Man...
TM24RSG-5A-88 ETC2-TM24RSG-5A-88 Datasheet
411Kb / 5P
   Modular Jack Connector for High-Speed Transmission
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com